Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC40105MT Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części CD74HC40105MT
Szczegółowy opis  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105MT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CD74HC40105MT Datasheet HTML 5Page - Texas Instruments CD74HC40105MT Datasheet HTML 6Page - Texas Instruments CD74HC40105MT Datasheet HTML 7Page - Texas Instruments CD74HC40105MT Datasheet HTML 8Page - Texas Instruments CD74HC40105MT Datasheet HTML 9Page - Texas Instruments CD74HC40105MT Datasheet HTML 10Page - Texas Instruments CD74HC40105MT Datasheet HTML 11Page - Texas Instruments CD74HC40105MT Datasheet HTML 12Page - Texas Instruments CD74HC40105MT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Three-State Output
Capacitance
CO
CL = 50pF
-
-
-
15
-
15
-
15
pF
HCT TYPES
Propagation Delay Time
tPLH,
tPHL
CL = 50pF
4.5
-
-
36
-
45
-
54
ns
MR to DIR, DOR
CL = 15pF
5
-
15
-
-
-
-
-
ns
SI to DIR
tPLH,
tPHL
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL =15pF
5
-
18
-
-
-
-
-
ns
SO to DOR
tPLH,
tPHL
CL = 50pF
4.5
-
-
42
-
53
-
63
ns
CL =15pF
5
-
18
-
-
-
-
-
ns
SO to Qn
tPLH,
tPHL
CL = 50pF
4.5
-
-
80
-
100
-
120
ns
CL =15pF
5
-
35
-
-
-
-
-
ns
Propagation Delay/Ripple thru
Delay
SI to DOR
tPLH
CL = 50pF
4.5
-
-
400
-
500
-
600
ns
Propagation Delay/Ripple thru
Delay
SO to DIR
tPLH
CL = 50pF
4.5
-
-
500
-
625
-
750
ns
Propagation Delay/Ripple thru
Delay
SI to Qn
tPLH
CL = 50pF
4.5
-
-
300
-
380
-
450
ns
Three-State Output Enable
OE to Qn
tPZH, tPZL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
Three-State Output Disable
OE to Qn
tPHZ, tPLZ CL = 50pF
4.5
-
-
30
-
38
-
45
ns
Output Transition Time
tTLH,tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Maximum CP Frequency
fMAX
CL =15pF
5
-
32
-
-
-
-
-
MHz
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
83
-
-
-
-
-
pF
Three-State Output
Capacitance
CO
CL = 50pF
-
-
-
15
-
15
-
15
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + Σ (CL VCC
2 f
o) where fi = Input Frequency, fo = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


Podobny numer części - CD74HC40105MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC40105MT TI-CD74HC40105MT Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MT TI-CD74HC40105MT Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTE4 TI-CD74HC40105MTE4 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTE4 TI-CD74HC40105MTE4 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105MTG4 TI-CD74HC40105MTG4 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Podobny opis - CD74HC40105MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com