Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCH162830 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ALVCH162830
Szczegółowy opis  1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162830 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH162830_08 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 9Page - Texas Instruments SN74ALVCH162830_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH162830
1-BIT TO 2-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES082I – AUGUST 1996 – REVISED JULY 2004
Figure 1. Load Circuit and Voltage Waveforms
6


Podobny numer części - SN74ALVCH162830_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH162830DBB TI-SN74ALVCH162830DBB Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162830GR TI-SN74ALVCH162830GR Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCH162830_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCHS162830 TI1-SN74ALVCHS162830_08 Datasheet
303Kb / 12P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI1-74ALVCHS162830A_09 Datasheet
286Kb / 9P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
[Old version datasheet]   1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162830 RENESAS-HD74ALVCH162830 Datasheet
2Mb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCHS162830 HITACHI-HD74ALVCHS162830 Datasheet
57Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com