Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBT6800ADWR Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74CBT6800ADWR
Szczegółowy opis  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT6800ADWR Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74CBT6800ADWR Datasheet HTML 1Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 2Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 3Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 4Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 5Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 6Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 7Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 8Page - Texas Instruments SN74CBT6800ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74CBT6800A
10-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS
SCDS005N – MARCH 1993 – REVISED MARCH 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
II
VCC = 5.5 V,
VI = 5.5 V or GND
±5
µA
IO
VCC = 4.5 V,
BIASV = 2.4 V,
VO= 0
0.25
mA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
50
µA
∆ICC‡
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3.5
pF
Co(OFF)
VO = 3 V or 0,
Switch off
4.5
pF
§
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
11
20
ron§
VI =0
II = 64 mA
3
7
on
VCC = 4.5 V
VI = 0
II = 30 mA
3
7
VI = 2.4 V,
II = 15 mA
6
15
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
TEST
CONDITIONS
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
CONDITIONS
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd¶
A or B
B or A
0.35
0.25
ns
tPZH
BIASV = GND
ON
AorB
6
2
5.1
ns
tPZL
BIASV = 3 V
ON
A or B
6
2
5.6
ns
tPHZ
BIASV = GND
ON
AorB
5.5
1
5
ns
tPLZ
BIASV = 3 V
ON
A or B
5.5
2
5.9
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Podobny numer części - SN74CBT6800ADWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT6800ADWR TI1-SN74CBT6800ADWR Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Podobny opis - SN74CBT6800ADWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTS6800 TI-SN74CBTS6800 Datasheet
57Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND SCHOTTKY DIODE CLAMPING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com