Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC2322LD Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPIC2322LD
Szczegółowy opis  3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC2322LD Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPIC2322LD Datasheet HTML 4Page - Texas Instruments TPIC2322LD Datasheet HTML 5Page - Texas Instruments TPIC2322LD Datasheet HTML 6Page - Texas Instruments TPIC2322LD Datasheet HTML 7Page - Texas Instruments TPIC2322LD Datasheet HTML 8Page - Texas Instruments TPIC2322LD Datasheet HTML 9Page - Texas Instruments TPIC2322LD Datasheet HTML 10Page - Texas Instruments TPIC2322LD Datasheet HTML 11Page - Texas Instruments TPIC2322LD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC2322L
3CHANNEL COMMONSOURCE LOGICLEVEL POWER DMOS ARRAY
SLIS036A − JUNE 1994 − REVISED OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2−8
THERMAL INFORMATION
Figure 15
Figure 16
1
10
0.1
1
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
0.1
10
100
DC Conditions
TC = 25°C
VDS − Drain-to-Source Voltage − V
† Less than 2% duty cycle
500
µs†
1 ms†
1
µs†
10 ms†
1
4
0.01
0.1
1
10
MAXIMUM PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav − Time Duration of Avalanche − ms
3
2
TC = 125°C
TC = 25°C
See Figure 4


Podobny numer części - TPIC2322LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302D TI-TPIC2302D Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302DR TI-TPIC2302DR Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
More results

Podobny opis - TPIC2322LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com