Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB121S03 Arkusz danych(PDF) 7 Page - LG Semicon Co.,Ltd.

Numer części LB121S03
Szczegółowy opis  12.1??SVGA TFT LCD
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LG [LG Semicon Co.,Ltd.]
Strona internetowa  
Logo LG - LG Semicon Co.,Ltd.

LB121S03 Arkusz danych(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LB121S03 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LB121S03 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Product Specification
7 / 23
LB121S03
Liquid Crystal Display
Ver. 0.0
Feb. 27, 2006
5. The output of the inverter must have symmetrical(negative and positive) voltage waveform and
symmetrical current waveform.(Unsymmetrical ratio is less than 10%) Please do not use the inverter
which has unsymmetrical voltage and unsymmetrical current and spike wave.
Lamp frequency may produce interference with horizontal synchronous frequency and as a result this
may cause beat on the display. Therefore lamp frequency shall be as away possible from the horizontal
synchronous frequency and from its harmonics in order to prevent interference.
6. Let
’s define the brightness of the lamp after being lighted for 5 minutes as 100%.
T
S is the time required for the brightness of the center of the lamp to be not less than 95%.
7. The lamp power consumption shown above does not include loss of external inverter.
The used lamp current is the lamp typical current. (2 Lamp)
8. The life time is determined as the time at which brightness of the lamp is 50% compared to that of initial
value at the typical lamp current on condition of continuous operating at 25
± 2°C.
∗ Requirements for a system inverter design, which is intended to have a better display performance, a
better power efficiency and a more reliable lamp, are following. It shall help increase the lamp lifetime and
reduce leakage current.
a. The asymmetry rate of the inverter waveform should be less than 10%.
b. The distortion rate of the waveform should be within
√2 ± 10%.
* Inverter output waveform had better be more similar to ideal sine wave.
∗ Do not attach a conducting tape to lamp connecting wire.
If the lamp wire attach to a conducting tape, TFT-LCD Module has a low luminance and the inverter
has abnormal action. Because leakage current is occurred between lamp wire and conducting tape.
I p
I -p
* Asymmetry rate:
| I
p – I
–p | / Irms * 100%
* Distortion rate
I
p (or I
–p) / Irms
PDF created with pdfFactory trial version www.pdffactory.com


Podobny numer części - LB121S03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LB121 SEOUL-LB121 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB121 SEOUL-LB121 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB121 SEOUL-LB121 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Podobny opis - LB121S03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
   12.1 SVGA TFT Industrial LCD Monitor
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
logo
Sharp Corporation
LQ121S7LY01 SHARP-LQ121S7LY01 Datasheet
182Kb / 1P
   31 cm [12.1] SVGA TFT-LCD Module for IA
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5120T-832 AXIOMTEK-GOT5120T-832_17 Datasheet
515Kb / 2P
   12.1 XGA/SVGA TFT LCD display with LED backlight
GOT5120T-845 AXIOMTEK-GOT5120T-845 Datasheet
449Kb / 2P
   12.1" XGA/SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com