Zakładka z wyszukiwarką danych komponentów |
|
CD74HC164MT Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
CD74HC164MT Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 14 page 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC to GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS Date Shift-In (1, 2) 0.3 MR 0.9 Clock 0.7 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifications table, e.g. 360 µA max at 25oC. Prerequisite For Switching Function PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN MAX MIN MAX MIN MAX HC TYPES Maximum Clock Frequency fMAX 2 6 -5-4- MHz 4.5 30 - 24 - 20 - MHz 6 35 - 28 - 24 - MHz MR Pulse Width tw 2 60-75 -90- ns 4.5 12 - 15 - 18 - ns 6 10-13 -15- ns CD54HC164, CD74HC164, CD54HCT164, CD74HCT164 |
Podobny numer części - CD74HC164MT |
|
Podobny opis - CD74HC164MT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |