Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS1010A Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74ALS1010A
Szczegółowy opis  TRIPLE 3-INPUT POSITIVE-NAND BUFFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1010A Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74ALS1010A Datasheet HTML 1Page - Texas Instruments SN74ALS1010A Datasheet HTML 2Page - Texas Instruments SN74ALS1010A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SN54ALS1010A, SN74ALS1010A
TRIPLE 3INPUT POSITIVENAND BUFFERS
SDAS075A − D2661, APRIL 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54ALS1010A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS1010A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS1010A
SN74ALS1010A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−1
− 2.6
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS1010A
SN74ALS1010A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.5
− 1.5
V
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
VOH
VCC = 4.5 V,
IOH = − 1 mA
2.4
3.3
V
VCC = 4.5 V,
IOH = − 2.6 mA
2.4
3.3
VOL
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 0
0.65
1.2
0.65
1.2
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
3.6
5.8
3.6
5.8
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Note 1)
VCC = 5 V,
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
PARAMETER
FROM
TO
RL= 500 Ω,
RL = 500 Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = 25°C
TA = MIN to MAX
UNIT
’ALS1010A
SN54ALS1010A
SN74ALS1010A
TYP
MIN
MAX
MIN
MAX
tPLH
A or B
Y
5
2
12
2
8
ns
tPHL
A or B
Y
5
2
12
2
8
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


Podobny numer części - SN74ALS1010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS10 TI1-SN74ALS10 Datasheet
814Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ALS1000A TI-SN74ALS1000A Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1000AD TI-SN74ALS1000AD Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1000AN TI-SN74ALS1000AN Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN74ALS1002A TI-SN74ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
More results

Podobny opis - SN74ALS1010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALS1010A TI-SN54ALS1010A Datasheet
45Kb / 3P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND BUFFERS
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54AC10 TI-SN54AC10 Datasheet
81Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54F10 TI1-SN54F10_15 Datasheet
774Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV10A RENESAS-HD74LV10A Datasheet
68Kb / 8P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com