Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF539BBCZ-5F8 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-BF539BBCZ-5F8
Szczegółowy opis  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539BBCZ-5F8 Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-BF539BBCZ-5F8 Datasheet HTML 1Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 2Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 3Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 4Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 5Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 6Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 7Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 8Page - Analog Devices ADSP-BF539BBCZ-5F8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
ADSP-BF539/ADSP-BF539F
Rev. A
|
Page 5 of 60
|
February 2008
Internal (On-Chip) Memory
The ADSP-BF539/ADSP-BF539F processor has three blocks of
on-chip memory providing high bandwidth access to the core.
The first is the L1 instruction memory, consisting of 80K bytes
SRAM, of which 16K bytes can be configured as a four-way set-
associative cache. This memory is accessed at full
processor speed.
The second on-chip memory block is the L1 data memory, con-
sisting of two banks of up to 32K bytes each. Each memory bank
is configurable, offering both cache and SRAM functionality.
This memory block is accessed at full processor speed.
The third memory block is a 4K byte scratch pad SRAM which
runs at the same speed as the L1 memories, but is only accessible
as data SRAM and cannot be configured as cache memory.
External (Off-Chip) Memory
External memory is accessed via the EBIU. This 16-bit interface
provides a glueless connection to a bank of synchronous DRAM
(SDRAM) as well as up to four banks of asynchronous memory
devices including flash, EPROM, ROM, SRAM, and memory
mapped I/O devices.
The PC133-compliant SDRAM controller can be programmed
to interface to up to 512M bytes of SDRAM. The SDRAM con-
troller allows one row to be open for each internal SDRAM
bank, for up to four internal SDRAM banks, improving overall
system performance.
The asynchronous memory controller can be programmed to
control up to four banks of devices with very flexible timing
parameters for a wide variety of devices. Each bank occupies a
1M byte segment regardless of the size of the devices used, so
that these banks will only be contiguous if each is fully popu-
lated with 1M byte of memory.
Flash Memory (ADSP-BF539F Only)
The ADSP-BF539F4 and ADSP-BF539F8 processors contain a
separate flash die, connected to the EBIU bus, within the pack-
age of the ADSP-BF539F processors. Figure 4 shows how the
flash memory die and Blackfin processor die are connected.
Figure 2. Blackfin Processor Core
SEQUENCER
ALIGN
DECODE
LOOP BUFFER
16
16
8
88
8
40
40
A0
A1
BARREL
SHIFTER
DATA ARITHMETIC UNIT
CONTROL
UNIT
R7.H
R6.H
R5.H
R4.H
R3.H
R2.H
R1.H
R0.H
R7.L
R6.L
R5.L
R4.L
R3.L
R2.L
R1.L
R0.L
ASTAT
40
40
32
32
32
32
32
32
32
LD0
LD1
SD
DAG0
DAG1
ADDRESS ARITHMETIC UNIT
I3
I2
I1
I0
L3
L2
L1
L0
B3
B2
B1
B0
M3
M2
M1
M0
SP
FP
P5
P4
P3
P2
P1
P0
DA1
DA0
32
32
32
PREG
RAB
32


Podobny numer części - ADSP-BF539BBCZ-5F8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539F AD-ADSP-BF539F_15 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
Rev. F
ADSP-BF539WBBCZ-5A AD-ADSP-BF539WBBCZ-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF539WBBCZ5F4 AD-ADSP-BF539WBBCZ5F4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
More results

Podobny opis - ADSP-BF539BBCZ-5F8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com