Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N29STA-V Arkusz danych(PDF) 3 Page - Everlight Electronics Co., Ltd

Numer części 4N29STA-V
Szczegółowy opis  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N29STA-V Arkusz danych(HTML) 3 Page - Everlight Electronics Co., Ltd

  4N29STA-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = 10mA
IF = 50mA for H11B3
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
50
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 10V
Collector-Emitter
breakdown voltage
BVCEO
55
-
V
Ic=1mA
Collector-Base
breakdown voltage
BVCBO
55
-
V
IC=0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE=0.1mA
* Typical values at Ta = 25°C


Podobny numer części - 4N29STA-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CT Micro International ...
4N29ST1 CTMICRO-4N29ST1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST1-G CTMICRO-4N29ST1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2 CTMICRO-4N29ST2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2-G CTMICRO-4N29ST2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Podobny opis - 4N29STA-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com