Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP2223BGA Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części STP2223BGA
Szczegółowy opis  UPA to PCI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

STP2223BGA Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STP2223BGA Datasheet HTML 5Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 6Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 7Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 8Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 9Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 10Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 11Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 12Page - List of Unclassifed Manufacturers STP2223BGA Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
UPA to PCI Interface
U2P
STP2223BGA
July 1997
SIGNAL DESCRIPTION
Pin naming conventions
• Active low signals are denoted by an underscore or underscore L, following the signal name, examples:
B_CBE_[0] and UPA_CLK_L.
• Direction is input (I), output (O), and bidirectional (IO).
Pin Summary
TABLE 1: Signal Name Prefixes
Functional Block
Prefix
PCI66 Bus (66MHz)
A_
PCI Bus (33MHz)
B_
UPA bus
UPA_
JTAG Port
PSY_T
TABLE 2: Pin Count
Section
Pins
What It Includes
UPA Interface
130
UPA Master/Slave/Interrupter 64 bit interface
PCIA Interface
97
66MHz, 64 bit PCI interface, shared PCI Reset
PCIB Interface
96
33MHz, 64 bit PCI interface
Clock inputs
5
UPA, U2P core, Timer clocks and bypass
Miscellaneous
11
Interrupts, reset, ext/int_event
Test
5
JTAG port and diagnostics
Signal Total
344
Power/Ground
112
Including 8 special Power/Ground Pins
Total
456


Podobny numer części - STP2223BGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STP2200ABGA ETC1-STP2200ABGA Datasheet
409Kb / 36P
   Uniprocessor System Controller
logo
STMicroelectronics
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
   High avalanche ruggedness
October 2015 Rev 3
logo
List of Unclassifed Man...
STP2230SOP ETC2-STP2230SOP Datasheet
202Kb / 16P
   Crossbar Switch
STP2230SOP-100 ETC2-STP2230SOP-100 Datasheet
202Kb / 16P
   Crossbar Switch
logo
STMicroelectronics
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
   N-channel 600 V, 196 m typ., 15 A, MDmeshTM M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
More results

Podobny opis - STP2223BGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
I72120 ETC-I72120 Datasheet
173Kb / 3P
   PCI to GPIB interface ASIC
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
   Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
AAEON Technology
PFM-T096P AAEON-PFM-T096P Datasheet
221Kb / 2P
   pci-104 interface
9741666646 AAEON-9741666646 Datasheet
149Kb / 1P
   Mini-PCI Interface
logo
Motorola, Inc
MC143421 MOTOROLA-MC143421 Datasheet
193Kb / 11P
   PCI Bus Interface
logo
AAEON Technology
PCM-3708 AAEON-PCM-3708 Datasheet
475Kb / 1P
   PCI-104 Interface
logo
Advantech Co., Ltd.
MIO-3110 ADVANTECH-MIO-3110 Datasheet
243Kb / 1P
   Mini PCI to 4 COM Module Mini PCI Interface to Dual LAN Communication Module
MIO-3121 ADVANTECH-MIO-3121 Datasheet
134Kb / 1P
   Mini PCI to 4 COM Module Mini PCI Interface to Dual LAN Communication Module
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com