Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM12S-7-30.0K Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM12S-7-30.0K
Szczegółowy opis  Low Frequency Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM12S-7-30.0K Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM12S-7-30.0K Datasheet HTML 1Page - List of Unclassifed Manufacturers SM12S-7-30.0K Datasheet HTML 2Page - List of Unclassifed Manufacturers SM12S-7-30.0K Datasheet HTML 3Page - List of Unclassifed Manufacturers SM12S-7-30.0K Datasheet HTML 4Page - List of Unclassifed Manufacturers SM12S-7-30.0K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product informatin is current as of publication date. The product conforms
Copyright © 2005, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necesarily include testing of all parameters.
SM12S Series
Low Frequency Crystal
October 2005
• Pletronics’ SM12S Series is a miniature
surface mount crystal.
• Package is ideal for automated surface mount
assembly and reflow practices.
• Tape and Reel packaging
• 32.0 KHz or 32.768 KHz
• 1.82 x 4.95 mm 2 pad
• XY Cut Crystal
Pletronics Inc. certifies this device is in accordance with the
RoHS (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.02 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Part Number:
SM12S
- 9
- 32.768K
-XX
Internal code or blank
Nominal Frequency in KHz
Available frequencies are 30.0K
and 32.768K
Load Capacitance
Blank = 12.5pF
9 = 9pF
7 = 7pF
(other values are special order)
Model Number
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition A
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A


Podobny numer części - SM12S-7-30.0K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM12S-9 PLETRONICS-SM12S-9 Datasheet
109Kb / 5P
   SM12S Series Low Frequency Crystal
More results

Podobny opis - SM12S-7-30.0K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QUARTZCOM the communica...
HC-51U QUARTZCOM-HC-51U Datasheet
94Kb / 1P
   Metal packaged low frequency Crystal Low frequency
logo
List of Unclassifed Man...
MX1V ETC1-MX1V Datasheet
57Kb / 1P
   Low Frequency Cylindrical Crystal
logo
Golledge Electronics Lt...
GSX-250 GOLLEDGE-GSX-250 Datasheet
55Kb / 1P
   SM Crystal LOW FREQUENCY
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
   Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
   Low Frequency SM Crystal
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
   Low Frequency Cylindrical Crystal
GSX-455 GOLLEDGE-GSX-455 Datasheet
60Kb / 1P
   SM Crystal LOW FREQUENCY
GSX-250 GOLLEDGE-GSX-250_18 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
logo
Abracon Corporation
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
   LOW FREQUENCY SMD CRYSTAL
logo
Pletronics, Inc.
SM12S-9 PLETRONICS-SM12S-9 Datasheet
109Kb / 5P
   SM12S Series Low Frequency Crystal
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com