Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72361 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ST72361
Szczegółowy opis  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 4Page - STMicroelectronics ST72361_07 Datasheet HTML 5Page - STMicroelectronics ST72361_07 Datasheet HTML 6Page - STMicroelectronics ST72361_07 Datasheet HTML 7Page - STMicroelectronics ST72361_07 Datasheet HTML 8Page - STMicroelectronics ST72361_07 Datasheet HTML 9Page - STMicroelectronics ST72361_07 Datasheet HTML 10Page - STMicroelectronics ST72361_07 Datasheet HTML 11Page - STMicroelectronics ST72361_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 224 page
background image
ST72361
8/224
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to “ELECTRICAL CHARACTERISTICS” on page 178.
Legend / Abbreviations for Table 2:
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt1), ana = analog, RB = robust
– Output:
OD = open drain, PP = push-pull
Refer to “I/O PORTS” on page 45 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Table 2. Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
1
1
1
OSC13)
I
External clock input or Resonator os-
cillator inverter input
2
2
2
OSC23)
I/O
Resonator oscillator inverter output
3
-
-
PA0 / ARTIC1
I/O CT
X
ei0
X
X
Port A0
ART Input Capture 1
4
3
3
PA1 / PWM0
I/O CT
X
ei0
X
X
Port A1
ART PWM Output 0
5
4
4
PA2 (HS) / PWM1
I/O CT HS
X
ei0
X
X
Port A2
ART PWM Output 1
6
5
-
PA3 / PWM2
I/O CT
X
ei0
X
X
Port A3
ART PWM Output 2
7
6
-
PA4 / PWM3
I/O CT
X
ei0
X
X
Port A4
ART PWM Output 3
8
-
-
VSS_3
S
Digital Ground Voltage
9
-
-
VDD_3
S
Digital Main Supply Voltage
10
7
5
PA5 (HS) / ARTCLK
I/O CT HS
X
ei0
X
X
Port A5
ART External Clock
11
8
-
PA6 (HS) / ARTIC2
I/O CT HS
X
ei0
X
X
Port A6
ART Input Capture 2
12
-
-
PA7 / T8_OCMP2
I/O CT
X
ei0
X
X
Port A7
TIM8 Output Compare 2
13
-
-
PB0 /T8_ICAP2
I/O CT
X
ei1
X
X
Port B0
TIM8 Input Capture 2
14
9
6
PB1 /T8_OCMP1
I/O CT
X
ei1
X
X
Port B1
TIM8 Output Compare 1
15
10
7
PB2 / T8_ICAP1
I/O CT
X
ei1
X
X
Port B2
TIM8 Input Capture 1
16
11
8
PB3 / MCO
I/O CT
X
ei1
X
X
Port B3
Main clock out (fOSC2)
17
-
-
PE0 / AIN12
I/O TT
X
X
RB
X
X
Port E0
ADC Analog Input 12
18
-
-
PE1 / AIN13
I/O TT
X
X
RB
X
X
Port E1
ADC Analog Input 13
19
12
9
PB4 / AIN0 / ICCCLK
I/O CT
X
ei1
RB
X
X
Port B4
ICC Clock
input
ADC Analog
Input 0
20
-
-
PE2 / AIN14
I/O TT
X
X
RB
X
X
Port E2
ADC Analog Input 14
21
-
-
PE3 / AIN15
I/O TT
X
X
RB
X
X
Port E3
ADC Analog Input 15
22
13
10
PB5 / AIN1 / ICCDATA I/O CT
X
ei1 RB
X
X
Port B5
ICC Data in-
put
ADC Analog
Input 1


Podobny numer części - ST72361_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72361AR4-Auto STMICROELECTRONICS-ST72361AR4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR6-Auto STMICROELECTRONICS-ST72361AR6-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR7-Auto STMICROELECTRONICS-ST72361AR7-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361AR9-Auto STMICROELECTRONICS-ST72361AR9-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
ST72361J4-Auto STMICROELECTRONICS-ST72361J4-Auto Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
More results

Podobny opis - ST72361_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72561 STMICROELECTRONICS-ST72561 Datasheet
3Mb / 262P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
ST7MC1XX STMICROELECTRONICS-ST7MC1XX Datasheet
4Mb / 309P
   8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com