Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB20NM50 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STB20NM50
Szczegółowy opis  N-channel 500V - 0.20廓 - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STB20NM50_07 Datasheet HTML 1Page - STMicroelectronics STB20NM50_07 Datasheet HTML 2Page - STMicroelectronics STB20NM50_07 Datasheet HTML 3Page - STMicroelectronics STB20NM50_07 Datasheet HTML 4Page - STMicroelectronics STB20NM50_07 Datasheet HTML 5Page - STMicroelectronics STB20NM50_07 Datasheet HTML 6Page - STMicroelectronics STB20NM50_07 Datasheet HTML 7Page - STMicroelectronics STB20NM50_07 Datasheet HTML 8Page - STMicroelectronics STB20NM50_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK / I²PAK
TO-220
TO-220FP
VDS
Drain source voltage
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
20
20 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
12.6
12.6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
80
80 (1)
A
PTOT
Total dissipation at TC = 25°C
192
45
W
Derating factor
1.54
0.36
W/°C
dv/dt (3)
3.
ISD < 20A, di/dt < 400A/µs, VDD < V(BR)DSS, TJ < TJMAX
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s;TC=25°C)
--
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-65 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK / I²PAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
0.65
2.8
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID= 5A, VDD= 50V)
650
mJ


Podobny numer części - STB20NM50_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB20NM50-1 STMICROELECTRONICS-STB20NM50-1 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STB20NM50-1 ISC-STB20NM50-1 Datasheet
341Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
   N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh?줡ower MOSFET With FAST DIODE
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
494Kb / 11P
   N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
More results

Podobny opis - STB20NM50_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com