Zakładka z wyszukiwarką danych komponentów |
|
AD8192 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD8192 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 28 page AD8192 Rev. 0 | Page 5 of 28 ABSOLUTE MAXIMUM RATINGS Table 4. Parameter Rating AVCC to AVEE 3.7 V DVCC to DVEE 3.7 V DVEE to AVEE ±0.3 V VTTI AVCC + 0.6 V VTTO AVCC + 0.6 V AMUXVCC 5.5 V VREF_AB 5.5 V VREF_COM 5.5 V Internal Power Dissipation 2.41 W High Speed Input Voltage AVCC − 1.4 V < VIN < AVCC + 0.6 V High Speed Differential Input Voltage 2.0 V Low Speed Input Voltage DVEE − 0.3 V < VIN < AMUXVCC + 0.6 V I2C Logic Input Voltage DVEE − 0.3 V < VIN < DVCC + 0.6 V Storage Temperature Range −65°C to +125°C Operating Temperature Range −40°C to +85°C Junction Temperature 150°C ESD HBM Input Pins Only ±7 kV ESD HBM All Other Pins ±1.5 kV Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θ JA is specified for the worst-case conditions, that is, a device soldered in a four-layer JEDEC circuit board for surface-mount packages. θJC is specified for the exposed pad soldered to the circuit board with no airflow. Table 5. Thermal Resistance Model θ JA θ JC Unit 56-Lead LFCSP 27 2.1 °C/W ESD CAUTION |
Podobny numer części - AD8192 |
|
Podobny opis - AD8192 |