Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21266SKSTZ-1B Arkusz danych(PDF) 2 Page - Analog Devices |
|
ADSP-21266SKSTZ-1B Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 44 page Rev. C | Page 2 of 44 | October 2007 ADSP-21266 KEY FEATURES Serial ports offer left-justified sample-pair and I2S support via 12 programmable and simultaneous receive or trans- mit pins, which support up to 24 transmit or 24 receive I2S channels of audio when all 6 serial ports (SPORTs) are enabled or 6 full duplex TDM streams of up to 128 channels per frame At 200 MHz (5 ns) core instruction rate, the ADSP-21266 operates at 1200 MFLOPS peak/800 MFLOPS sustained performance whether operating on fixed- or floating-point data; 400 MMACS sustained performance at 200 MHz Super Harvard Architecture—three independent buses for dual data fetch, instruction fetch, and nonintrusive, zero- overhead I/O 2M bits on-chip dual-ported SRAM (1M bit block 0, 1M bit block 1) for simultaneous access by core processor and DMA 4M bits on-chip dual-ported mask-programmable ROM (2M bits in block 0 and 2M bits in block 1) Dual data address generators (DAGs) with modulo and bit- reverse addressing Zero-overhead looping with single-cycle loop setup, providing efficient program sequencing Single instruction multiple data (SIMD) architecture provides: Two computational processing elements Concurrent execution—each processing element executes the same instruction, but operates on different data Parallelism in buses and computational units allows single cycle executions (with or without SIMD) of a multiply operation; an ALU operation; a dual memory read or write; and an instruction fetch Transfers between memory and core at up to four 32-bit floating- or fixed-point words per cycle, sustained 2.4 GBps bandwidth at 200 MHz core instruction rate; 900 Mbps is available via DMA Accelerated FFT butterfly computation through a multiply with add and subtract instruction DMA controller supports: 22 zero-overhead DMA channels for transfers between the ADSP-21266 internal memory and serial ports (12), the input data ports (IDP) (eight), the SPI-compatible port (one), and the parallel port (one) 32-bit background DMA transfers at core clock speed, in parallel with full-speed processor execution JTAG background telemetry for enhanced emulation features IEEE 1149.1 JTAG standard test access port and on-chip emulation Dual voltage: 3.3 V I/O, 1.2 V core Available in 136-ball BGA and 144-lead LQFP packages; avail- able in RoHS compliant packages Digital audio interface includes six serial ports, two precision clock generators, an input data port, three programmable timers, and a signal routing unit Asynchronous parallel/external port provides: Access to asynchronous external memory 16 multiplexed address/data lines that can support 24-bit address external address range with 8-bit data or 16-bit address external address range with 16-bit data 66M byte/sec transfer rate for 200 MHz core rate 50M byte/sec transfer rate for 150 MHz core rate 256 word page boundaries External memory access in a dedicated DMA channel 8- to 32-bit and 16- to 32-bit word packing options Programmable wait state options: 2 to 31 CCLKs Serial ports provide: Six dual data line serial ports that operate at up to 50M bits/sec for a 200 MHz core and up to 37.5M bits/sec for a 150 MHz core on each data line—each has a clock, frame sync, and two data lines that can be configured as either a receiver or transmitter pair Left-justified sample-pair and I2S support, programmable direction for up to 24 simultaneous receive or transmit channels using two I2S-compatible stereo devices per serial port TDM support for telecommunications interfaces including 128 TDM channel support for newer telephony inter- faces such as H.100/H.110 Up to 12 TDM stream support, each with 128 channels per frame Companding selection on a per channel basis in TDM mode Input data port provides an additional input path to the SHARC core configurable as either eight channels of I2S or serial data or as seven channels plus a single 20-bit wide synchronous parallel data acquisition port Supports receive audio channel data in I 2S, left-justified sample pair, or right-justified mode Signal routing unit (SRU) provides configurable and flexible connections between all DAI components, six serial ports, two precision clock generators, three timers, an input data port/parallel data acquisition port, 10 interrupts, six flag inputs, six flag outputs, and 20 SRU I/O pins (DAI_Px) Serial peripheral interface (SPI) Master or slave serial boot through SPI Full-duplex operation Master-slave mode multimaster support Open-drain outputs Programmable baud rates, clock polarities, and phases 3 muxed flag/IRQ lines 1 muxed flag/timer expired line ROM-based security features: JTAG access to memory permitted with a 64-bit key Protected memory regions that can be assigned to limit access under program control to sensitive code PLL has a wide variety of software and hardware multi- plier/divider ratios |
Podobny numer części - ADSP-21266SKSTZ-1B |
|
Podobny opis - ADSP-21266SKSTZ-1B |