Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFR25 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SFR25
Szczegółowy opis  Standard Metal Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR25 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SFR25 Datasheet HTML 1Page - Vishay Siliconix SFR25 Datasheet HTML 2Page - Vishay Siliconix SFR25 Datasheet HTML 3Page - Vishay Siliconix SFR25 Datasheet HTML 4Page - Vishay Siliconix SFR25 Datasheet HTML 5Page - Vishay Siliconix SFR25 Datasheet HTML 6Page - Vishay Siliconix SFR25 Datasheet HTML 7Page - Vishay Siliconix SFR25 Datasheet HTML 8Page - Vishay Siliconix SFR25 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28722
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 08-Dec-05
33
SFR16S/25/25H
Standard Metal Film Resistors
Vishay BCcomponents
1. The jumper has a maximum resistance Rmax = 30 mΩ at 3 A (SFR16S).
2. The jumper has a maximum resistance Rmax = 10 mΩ at 5 A (SFR25).
12NC - resistor type and packing
TYPE
TOL.
ORDERING CODE 23.. ... .....
BANDOLIER
IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
STRAIGHT LEADS
4000 units
1000 units
5000 units
5000 units
SFR16S
± 5 %
..22 187 73...
..22 187 53...
..06 187 23...
± 1 %
−−
..06 187 3...
..06 187 1....
jumper1)
−−
..06 187 90013
..22 187 90346
SFR25
± 5 %
..06 184 03...
..22 181 53...
..22 181 43...
..22 181 63...
± 1 %
−−
..22 188 2...
..06 181 8....
jumper2)
..22 181 90018
..22 181 90019
..06 181 90011
SFR25H
± 5 %
..22 186 16...
..22 186 76...
..06 186 63...
± 1 %
−−
..22 186 3....
..06 186 8....
12NC INFORMATION
• The resistors have a 12-digit numeric code starting with 23.
• The subsequent 6 or 7 digits indicate the resistor type and
packing.
• The remaining digits indicate the resistance value:
– The first 3 digits for 1 % or 2 digits for 5 % indicate the
resistance value.
– The last digit indicates the resistance decade.
Last Digit of 12NC for ± 5 % Tolerance
Last Digit of 12NC for ± 1 % Tolerance
12NC Example
The 12NC of a SFR25 resistor, value 5600 Ω ± 5 %, taped on
a bandolier of 5000 units in ammopack is: 2322 181 43562.
RESISTANCE DECADE
LAST DIGIT
0.10 to 0.91
7
1to 9.1
8
10 to 91
9
100 to 910
1
1to9.1 k
2
10 to 91 k
3
100 to 910 k
4
1to9.1 M
5
≥ 10 MΩ
6
RESISTANCE DECADE
LAST DIGIT
1to9.76
8
10 to 97.6
9
100 to 976
1
1to 9.76k
2
10 to 97.6 k
3
100 to 976 k
4
1to9.76M
5
≥ 10 MΩ
6
Note
Products can be ordered using either the 12NC or the PART NUMBER. The PART NUMBER is shown to facilitate the introduction of a unified
part numbering system. Currently, this PART NUMBER is applicable in the Americas only.
PART NUMBER
PART NUMBER: SFR2500001001FA500
MODEL/SIZE
SPECIAL CHARACTER
TC/MATERIAL
VALUE
TOLERANCE
PACKING1)
SPECIAL
SFR16S0
SFR2500
SFR25H0
0 = neutral
Z = value overflow
(Special)
0 = standard
Z = jumper
3 digit value
1 digit multiplier
Multiplier:
F = ± 1 %
J = ± 5 %
Z = jumper
N4
A5
A1
R5
The 2 digits
are used for
all special
parts.
00 = standard
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
PRODUCT DESCRIPTION: SFR25 1 % A5 1K0
SFR25
1 %
A5
1K0
MODEL/SIZE
TOLERANCE
PACKING1)
RESISTANCE VALUE
SFR16S
SFR25
SFR25H
± 1 %
± 5 %
A1
A5
47K = 47 K
50R1 = 50.1
1) Please refer to table PACKING.
25
R
F
S0
0
0
0
1
0
0
1
F
A
5
0
0


Podobny numer części - SFR25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFR25 ETC1-SFR25 Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25 ETC-SFR25 Datasheet
693Kb / 12P
   Standard metal film resistors
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Podobny opis - SFR25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com