Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21368 Arkusz danych(PDF) 2 Page - Analog Devices |
|
ADSP-21368 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 56 page Rev. C | Page 2 of 56 | January 2008 ADSP-21367/ADSP-21368/ADSP-21369 KEY FEATURES—PROCESSOR CORE At 400 MHz (2.5 ns) core instruction rate, the processors per- form 2.4G FLOPS/800 MMACS 2M bit on-chip, SRAM (0.75M bit in blocks 0 and 1, and 0.25M bit in blocks 2 and 3) for simultaneous access by the core processor and DMA 6M bit on-chip, mask-programmable ROM (3M bit in block 0 and 3M bit in block 1) Dual data address generators (DAGs) with modulo and bit- reverse addressing Zero-overhead looping with single-cycle loop setup, provid- ing efficient program sequencing Single-instruction, multiple-data (SIMD) architecture provides: Two computational processing elements Concurrent execution Code compatibility with other SHARC family members at the assembly level Parallelism in buses and computational units allows: single-cycle executions (with or without SIMD) of a mul- tiply operation, an ALU operation, a dual memory read or write, and an instruction fetch Transfers between memory and core at a sustained 6.4 Gbps bandwidth at 400 MHz core instruction rate INPUT/OUTPUT FEATURES DMA controller supports: 34 zero-overhead DMA channels for transfers between internal memory and a variety of peripherals 32-bit DMA transfers at peripheral clock speed, in parallel with full-speed processor execution 32-bit wide external port provides glueless connection to both synchronous (SDRAM) and asynchronous memory devices Programmable wait state options: 2 SCLK to 31 SCLK cycles Delay-line DMA engine maintains circular buffers in exter- nal memory with tap-/offset-based reads SDRAM accesses at 166 MHz and asynchronous accesses at 55 MHz Shared-memory support allows multiple DSPs to automat- ically arbitrate for the bus and gluelessly access a common memory device Shared memory interface (ADSP-21368 only) support provides: Glueless connection for scalable DSP multiprocessing architecture Distributed on-chip bus arbitration for parallel bus Connect of up to four ADSP-21368 processors and global memory Four memory select lines allow multiple external memory devices Digital audio interface (DAI) includes eight serial ports, four precision clock generators, an input data port, an S/PDIF transceiver, an 8-channel asynchronous sample rate con- verter, and a signal routing unit Digital peripheral interface (DPI) includes three timers, two UARTs, two SPI ports, and a 2-wire interface port Outputs of PCG's C and D can be driven on to DPI pins 8 dual data line serial ports that operate at up to 50 Mbps on each data line—each has a clock, frame sync, and two data lines that can be configured as either a receiver or transmitter pair TDM support for telecommunications interfaces including 128 TDM channel support for newer telephony interfaces such as H.100/H.110 Up to 16 TDM stream support, each with 128 channels per frame Companding selection on a per channel basis in TDM mode Input data port, configurable as eight channels of serial data or seven channels of serial data and up to a 20-bit wide parallel data channel Signal routing unit provides configurable and flexible con- nections between all DAI/DPI components 2 muxed flag/IRQ lines 1 muxed flag/timer expired line /MS pin 1 muxed flag/IRQ /MS pin DEDICATED AUDIO COMPONENTS S/PDIF-compatible digital audio receiver/transmitter sup- ports EIAJ CP-340 (CP-1201), IEC-958, AES/EBU standards Left-justified, I 2S, or right-justified serial data input with 16-, 18-, 20- or 24-bit word widths (transmitter) 4 independent asynchronous sample rate converters (SRC). Each converter has separate serial input and output ports, a de-emphasis filter providing up to –140 dB SNR perfor- mance, stereo sample rate converter and supports left- justified, I 2S, TDM, and right-justified modes and 24-, 20-, 18-, and 16-audio data word lengths Pulse-width modulation provides: 16 PWM outputs configured as four groups of four outputs supports center-aligned or edge-aligned PWM waveforms ROM-based security features include: JTAG access to memory permitted with a 64-bit key Protected memory regions that can be assigned to limit access under program control to sensitive code PLL has a wide variety of software and hardware multi- plier/divider ratios Dual voltage: 3.3 V I/O, 1.2 V or 1.3 V core Available in 256-ball BGA_ED and 208-lead LQFP_EP pack- ages (see Ordering Guide on Page 55) |
Podobny numer części - ADSP-21368 |
|
Podobny opis - ADSP-21368 |