Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7811AV Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF7811AV
Szczegółowy opis  N-Channel Application-Specific MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7811AV Arkusz danych(HTML) 5 Page - International Rectifier

  IRF7811AV_05 Datasheet HTML 1Page - International Rectifier IRF7811AV_05 Datasheet HTML 2Page - International Rectifier IRF7811AV_05 Datasheet HTML 3Page - International Rectifier IRF7811AV_05 Datasheet HTML 4Page - International Rectifier IRF7811AV_05 Datasheet HTML 5Page - International Rectifier IRF7811AV_05 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
IRF7811AV
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
SO-8 Part Marking
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 B AS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
F OOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA.
NOT ES :
1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010].
7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO
A S UBST RAT E.
MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
DAT E CODE (YWW)
XXXX
INT ERNAT IONAL
RECT IF IER
LOGO
F 7101
Y = LAS T DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: T HIS IS AN IRF7101 (MOSF ET )
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)
A = ASSEMBLY SITE CODE


Podobny numer części - IRF7811AV_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
111Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF-1 IRF-IRF7811AVPBF-1 Datasheet
188Kb / 6P
   Industry-standard pinout SO-8 Package
IRF7811AVPBF-1 IRF-IRF7811AVPBF-1_15 Datasheet
188Kb / 6P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF7811AV_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
   N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
   N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
   N Channel Application Specific MOSFETs
IRF7805TRPBF IRF-IRF7805TRPBF Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com