Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS11ANSR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74ALS11ANSR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 17 page SN54ALS11A, SN54AS11, SN74ALS11A, SN74AS11 TRIPLE 3-INPUT POSITIVE-AND GATES SDAS009D – MARCH 1984 – REVISED NOVEMBER 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 2) SN54AS11 SN74AS11 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current –2 –2 mA IOL Low-level output current 20 20 mA TA Operating free-air temperature –55 125 0 70 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54AS11 SN74AS11 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 V VOH VCC = 4.5 V to 5.5 V, IOH = –2 mA VCC–2 VCC–2 V VOL VCC = 4.5 V, IOL = 20 mA 0.35 0.5 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V –0.5 –0.5 mA IO‡ VCC = 5.5 V, VO = 2.25 V –30 –112 –30 –112 mA ICCH VCC = 5.5 V, VI = 4.5 V 4.3 7 4.3 7 mA ICCL VCC = 5.5 V, VI = 0 11.2 18 11.2 18 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V TO 5.5 V, CL = 50 PF, RL = 500 Ω, TA = MIN TO MAX§ UNIT (INPUT) (OUTPUT) SN54AS11 SN74AS11 MIN MAX MIN MAX tPLH ABor C Y 1 6.5 1 6 ns tPHL A, B, or C Y 1 6.5 1 5.5 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Podobny numer części - SN74ALS11ANSR |
|
Podobny opis - SN74ALS11ANSR |