Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDH2-433-4 Arkusz danych(PDF) 10 Page - Radiometrix Ltd

Numer części TDH2-433-4
Szczegółowy opis  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RADIOMETRIX [Radiometrix Ltd]
Strona internetowa  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2-433-4 Arkusz danych(HTML) 10 Page - Radiometrix Ltd

Back Button TDH2-433-4 Datasheet HTML 3Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 4Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 5Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 6Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 7Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 8Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 9Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 10Page - Radiometrix Ltd TDH2-433-4 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 10
Ordering information
Ordering information
Ordering information
Ordering information
The TDH2 radio modem is manufactured in the following variants as standard:
For Australian general applications on 433MHz band
Part Number
Description
Frequency band
Maximum baud rate
TDH2-433-9
Half duplex modem
433.925 - 434.565 MHz
9.6kbps
TDH2T-433-9
Transmitter only
433.925 - 434.565 MHz
9.6kbps
TDH2R-433-9
Receiver only
433.925 - 434.565 MHz
9.6kbps
TDH2-433-4
Half duplex modem
433.925 - 434.565 MHz
4.8kbps
TDH2T-433-4
Transmitter only
433.925 - 434.565 MHz
4.8kbps
TDH2R-433-4
Receiver only
433.925 - 434.565 MHz
4.8kbps


Podobny numer części - TDH2-433-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Radiometrix Ltd
TDH2-433-4 RADIOMETRIX-TDH2-433-4 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

Podobny opis - TDH2-433-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com