Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDH2R-433-4 Arkusz danych(PDF) 9 Page - Radiometrix Ltd

Numer części TDH2R-433-4
Szczegółowy opis  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RADIOMETRIX [Radiometrix Ltd]
Strona internetowa  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2R-433-4 Arkusz danych(HTML) 9 Page - Radiometrix Ltd

Back Button TDH2R-433-4 Datasheet HTML 3Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 4Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 5Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 6Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 7Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 8Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 9Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 10Page - Radiometrix Ltd TDH2R-433-4 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 9
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the
module. Optimum total length is 16cm (1/4 wave @ 433MHz). Keep the open circuit (hot)
end well away from metal components to prevent serious de-tuning. Whips are ground
plane sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is
small and plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim
the wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from RF pin at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used, try to keep it away from other metal components, particularly large
ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as
important as the antenna itself.
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 8: Antenna types


Podobny numer części - TDH2R-433-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Radiometrix Ltd
TDH2R-433-4 RADIOMETRIX-TDH2R-433-4 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

Podobny opis - TDH2R-433-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com