Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93-21UYC Arkusz danych(PDF) 3 Page - Everlight Electronics Co., Ltd

Numer części 93-21UYC
Szczegółowy opis  High Performance SMD LED with Reflector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21UYC Arkusz danych(HTML) 3 Page - Everlight Electronics Co., Ltd

  93-21UYC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21UYC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.3
Page: 3 of 9
Device No. : DSE-931-028
Prepared date:08-02-2004
Prepared by: Bennett
93-21UYC/S530-XX/TR8
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +100
Soldering Temperature
Tsol
260 (for 5 second)
Power Dissipation
Pd
60
mW
Peak Forward Current(Duty 1/10 @
1KHZ)
IFP
60
mA
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
Min.
Typ.
Max.
Unit
Condition
A2
17
43
-----
A3
40
63
-----
A4
55
85
-----
A5
65
93
-----
Luminous intensity
Iv
A6
86
126
-----
mcd
If=20mA
Viewing Angle
2θ1/2
-----
-----
130
-----
deg
If=20mA
Peak Wavelength
λp
-----
-----
591
-----
nm
If=20mA
Dominant Wavelength
λd
-----
-----
589
-----
nm
If=20mA
Spectrum Radiation
Bandwidth
△λ
-----
-----
15
-----
nm
If=20mA
Forward Voltage
VF
-----
-----
2.0
2.4
V
If=20mA
Reverse Current
IR
-----
-----
-----
10
μA
Vr=5V
*
93-21UYC/S530-XX/TR8
Chip Rank


Podobny numer części - 93-21UYC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
93-21UYOC/S530-XX/TR8 EVERLIGHT-93-21UYOC/S530-XX/TR8 Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
More results

Podobny opis - 93-21UYC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com