Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPRF1660CT Arkusz danych(PDF) 2 Page - Sirectifier Semiconductors

Numer części STPRF1660CT
Szczegółowy opis  Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRECTIFIER [Sirectifier Semiconductors]
Strona internetowa  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STPRF1660CT Arkusz danych(HTML) 2 Page - Sirectifier Semiconductors

  STPRF1660CT Datasheet HTML 1Page - Sirectifier Semiconductors STPRF1660CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STPRF1650CT thru STPRF1660CT
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
4
0
50
16
175
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
.01
1.0
10.0
100.0
60
80
100
0.1
TJ = 25 C
Single Half-Sine-Wave
(JEDEC METHOD)
12
0
8
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
PULSE WIDTH 300ua
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
50-200V
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
TJ = 125 C
TJ = 100 C
TJ = 125 C
300-400V
500-600V
50-400V
500-600V
4
TJ = 25 C, f= 1MHz
TJ = 75 C
Ultra Fast Recovery Diodes


Podobny numer części - STPRF1660CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STPRF1660CT ETC1-STPRF1660CT Datasheet
105Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Podobny opis - STPRF1660CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
List of Unclassifed Man...
MUR6020PT ETC2-MUR6020PT Datasheet
94Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR1560S SIRECT-MUR1560S Datasheet
130Kb / 3P
   Ultra Fast Recovery Diodes
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
   Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
   Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
   Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
   Ultra Fast Recovery Diodes
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR502D SIRECT-STPR502D Datasheet
77Kb / 2P
   Ultra Fast Recovery Diodes
STPR810D SIRECT-STPR810D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR1505D SIRECTIFIER-STPR1505D Datasheet
75Kb / 2P
   Ultra Fast Recovery Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com