Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N136-X006 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części 6N136-X006
Szczegółowy opis  High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X006 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  6N136-X006 Datasheet HTML 1Page - Vishay Siliconix 6N136-X006 Datasheet HTML 2Page - Vishay Siliconix 6N136-X006 Datasheet HTML 3Page - Vishay Siliconix 6N136-X006 Datasheet HTML 4Page - Vishay Siliconix 6N136-X006 Datasheet HTML 5Page - Vishay Siliconix 6N136-X006 Datasheet HTML 6Page - Vishay Siliconix 6N136-X006 Datasheet HTML 7Page - Vishay Siliconix 6N136-X006 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83604
170
Rev. 1.5, 07-May-08
6N135/6N136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd,
Phtotdiode with Transistor Output
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 16 mA, VO = 0.4 V,
VCC = 4.5 V
6N135
CTR
7
16
%
6N136
CTR
19
35
%
IF = 16 mA, VO = 0.5 V,
VCC = 4.5 V
6N135
CTR
5
%
6N136
CTR
15
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High to low
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N135
tPHL
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N136
tPHL
0.2
0.8
µs
Low to high
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N135
tPLH
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N136
tPLH
0.2
0.8
µs
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N135
|CMH|
1000
V/µs
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N136
|CMH|
1000
V/µs
Low
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N135
|CML|
1000
V/µs
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N136
|CML|
1000
V/µs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
8000
V
VIORM
890
V
PSO
500
mW
ISI
300
mA
TSI
175
°C
Creepage distance
standard DIP-8
7
mm
Clearance distance
standard DIP-8
7
mm
Creepage distance
400 mil DIP-8
8
mm
Clearance distance
400 mil DIP-8
8
mm


Podobny numer części - 6N136-X006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N136-X006 VISHAY-6N136-X006 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
6N136-X006 VISHAY-6N136-X006 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

Podobny opis - 6N136-X006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com