Zakładka z wyszukiwarką danych komponentów |
|
TL5001IP Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
TL5001IP Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 32 page TL5001, TL5001A PULSE-WIDTH-MODULATION CONTROL CIRCUITS SLVS084F – APRIL 1994 – REVISED JANUARY 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 41 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Amplifier input voltage, VI(FB) 20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage, VO, OUT 51 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO, OUT 21 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output peak current, IO(peak), OUT 100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating ambient temperature range, TA: TL5001C, TL5001AC – 20 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . TL5001I, TL5001AI – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . TL5001Q, TL5001AQ – 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . TL5001M, TL5001AM – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values are with respect to network ground terminal. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D 725 mW 5.8 mW/ °C 464 mW 377 mW 145 mW FK 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW JG 1050 mW 8.4 mW/ °C 672 mW 546 mW 210 mW P 1000 mW 8.0 mW/ °C 640 mW 520 mW 200 mW recommended operating conditions MIN MAX UNIT Supply voltage, VCC 3.6 40 V Amplifier input voltage, VI(FB) 0 1.5 V Output voltage, VO, OUT 50 V Output current, IO, OUT 20 mA COMP source current 45 µA COMP dc load resistance 100 k Ω Oscillator timing resistor, Rt 15 250 k Ω Oscillator frequency, fosc 20 500 kHz TL5001C, TL5001AC – 20 85 Operating ambient temperature TA TL5001I, TL5001AI – 40 85 °C Operating ambient temperature, TA TL5001Q, TL5001AQ – 40 125 °C TL5001M, TL5001AM – 55 125 |
Podobny numer części - TL5001IP |
|
Podobny opis - TL5001IP |