Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7866 Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7866
Szczegółowy opis  10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7866 Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS7866 Datasheet HTML 7Page - Burr-Brown (TI) ADS7866 Datasheet HTML 8Page - Burr-Brown (TI) ADS7866 Datasheet HTML 9Page - Burr-Brown (TI) ADS7866 Datasheet HTML 10Page - Burr-Brown (TI) ADS7866 Datasheet HTML 11Page - Burr-Brown (TI) ADS7866 Datasheet HTML 12Page - Burr-Brown (TI) ADS7866 Datasheet HTML 13Page - Burr-Brown (TI) ADS7866 Datasheet HTML 14Page - Burr-Brown (TI) ADS7866 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-40
-20
0
20
40
60
80
100
120
MAXINL,3V,2.5MSPS
MININL,3V,2.5MSPS
MAXINL,5V,3MSPS
MININL,5V,3MSPS
T =25°C
V
=5Vat3MSPS,
V
=3Vat2.5MSPS
A
DD
DD
T -Free-AirTemperature-°C
A
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2.7
3.4
4.1
4.8
5.5
MAXDNL,3MSPS
MINDNL,3MSPS
MAXDNL,2.5MSPS
MINDNL,2.5MSPS
V
-SupplyVoltage-V
DD
T =25°C
A
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2.7
3.4
4.1
4.8
5.5
MAXINL,3MSPS
MININL,3MSPS
MAXINL,2.5MSPS
MININL,2.5MSPS
V
-SupplyVoltage-V
DD
T =25°C
A
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
2.7
3.4
4.1
4.8
5.5
3MSPS
2.5MSPS
T =25°C,
f =3MSPSor2.5MSPS,
V
=5Vat3MSPS,
V
=3Vat2.5MSPS
A
s
DD
DD
V
-SupplyVoltage-V
DD
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
120
5V,3MSPS
T -Free-AirTemperature-°C
A
3V,2.5MSPS
f =3MSPSor2.5MSPS,
V
=5Vat3MSPS,
V
=3Vat2.5MSPS
s
DD
DD
-0.5
-0.25
0
0.25
0.5
2.7
3.4
4.1
4.8
5.5
3MSPS
2.5MSPS
V
-SupplyVoltage-V
DD
T =25°C,
f =3MSPSor2.5MSPS,
V
=5Vat3MSPS,
V
=3Vat2.5MSPS
A
s
DD
DD
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-40
-20
0
20
40
60
80 100
120
5V,3MSPS
3V,2.5MSPS
T -Free-AirTemperature-°C
A
f =3MSPSor2.5MSPS,
V
=5Vat3MSPS,
V
=3Vat2.5MSPS
s
DD
DD
ADS7884
ADS7885
SLAS567 – MARCH 2008
TYPICAL CHARACTERISTICS ADS7884 (continued)
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
Figure 16.
OFFSET ERROR
OFFSET ERROR
GAIN ERROR
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 17.
Figure 18.
Figure 19.
GAIN ERROR
vs
FREE-AIR TEMPERATURE
Figure 20.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7884 ADS7885


Podobny numer części - ADS7866

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866 TI-ADS7866 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7866 TI1-ADS7866 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866I TI-ADS7866I Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866IDBVR TI-ADS7866IDBVR Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Podobny opis - ADS7866

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com