Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7884SDBVR Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7884SDBVR
Szczegółowy opis  10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7884SDBVR Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7884SDBVR Datasheet HTML 3Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 4Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 5Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 6Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 7Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 8Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 9Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 10Page - Burr-Brown (TI) ADS7884SDBVR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
DEVICE INFORMATION
3
2
4
6
1
VDD
GND
VIN
CS
SCLK
SDO
5
ADS7884 NORMAL OPERATION
ADS7884
ADS7885
SLAS567 – MARCH 2008
TIMING REQUIREMENTS (see Figure 1) (continued)
All specifications typical at TA = –40°C to 125°C, VDD = 2.7 V to 5.5 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Delay time, CS and 10th falling edge of clock to
VDD = 3 V
–2
4
td6
enter in powerdown (use max spec not to accidently
ns
VDD = 5 V
–2
3
enter in powerdown) Figure 3
SOT23 PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VDD
1
Power supply input also acts like a reference voltage to ADC.
GND
2
Ground for power supply, all analog and digital signals are referred with respect to this pin.
VIN
3
I
Analog signal input
SCLK
4
I
Serial clock
SDO
5
O
Serial data out
CS
6
I
Chip select signal, active low
The cycle begins with the falling edge of CS. This point is indicated as a in Figure 1. With the falling edge of CS,
the input signal is sampled and the conversion process is initiated. The device outputs data while the conversion
is in progress. The data word contains 2 leading zeros, followed by 10-bit data in MSB first format and padded by
4 lagging zeros.
The falling edge of CS clocks out the first zero, and a second zero is clocked out on FIRST falling edge of the
clock. Data is in MSB first format with the MSB being clocked out on the 2nd falling edge. Data is padded with
four lagging zeros as shown in Figure 1. The conversion ends on the first rising edge of SCLK after the 11th
falling edge. At this point the device enters the acquisition phase. This point is indicated by b in Figure 1.
Figure 1 shows device data is read in a sixteen clock frame. However, CS can be asserted (pulled high) any time
after 11 clocks have elapsed. SDO goes to 3-state with the CS high level. The next conversion should not be
started (by pulling CS low) until the end of the quiet sampling time (tq) after SDO goes to 3-state or until the
minimum acquisition time (tacq) has elapsed. To continue normal operation, it is necessary that CS is not pulled
high until point b. Without this, the device does not enter the acquisition phase and no valid data is available in
the next cycle. (Also refer to the Powerdown Mode section for more details.) CS going high any time after the
conversion start aborts the ongoing conversion and SDO goes to 3-state.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.5 V when the device supply is 2.7 V. This feature is useful when digital signals are coming from
another circuit with different supply levels. Also, this relaxes the restriction on powerup sequencing. However, the
digital output levels (VOH and VOL) are governed by VDD as listed in the Specifications table.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7884 ADS7885


Podobny numer części - ADS7884SDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7884 TI-ADS7884 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7884SDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com