Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HCT14 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części M74HCT14
Szczegółowy opis  HEX SCHMITT INVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT14 Arkusz danych(HTML) 4 Page - STMicroelectronics

  M74HCT14 Datasheet HTML 1Page - STMicroelectronics M74HCT14 Datasheet HTML 2Page - STMicroelectronics M74HCT14 Datasheet HTML 3Page - STMicroelectronics M74HCT14 Datasheet HTML 4Page - STMicroelectronics M74HCT14 Datasheet HTML 5Page - STMicroelectronics M74HCT14 Datasheet HTML 6Page - STMicroelectronics M74HCT14 Datasheet HTML 7Page - STMicroelectronics M74HCT14 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M74HCT14
4/8
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)


Podobny numer części - M74HCT14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HCT14 STMICROELECTRONICS-M74HCT14 Datasheet
231Kb / 9P
   HEX SCHMITT INVERTER
M74HCT14B1 STMICROELECTRONICS-M74HCT14B1 Datasheet
231Kb / 9P
   HEX SCHMITT INVERTER
M74HCT14B1R STMICROELECTRONICS-M74HCT14B1R Datasheet
231Kb / 9P
   HEX SCHMITT INVERTER
M74HCT14C1R STMICROELECTRONICS-M74HCT14C1R Datasheet
231Kb / 9P
   HEX SCHMITT INVERTER
M74HCT14M1R STMICROELECTRONICS-M74HCT14M1R Datasheet
231Kb / 9P
   HEX SCHMITT INVERTER
More results

Podobny opis - M74HCT14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com