Zakładka z wyszukiwarką danych komponentów |
|
TLC2254AQDRG4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
TLC2254AQDRG4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 74 page TLC225x, TLC225xA Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLC2254C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 200 1500 µV VIO Input offset voltage Full range 1750 µV αVIO Temperature coefficient of input offset voltage 25 °C to 70 °C 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, VO =0 VDD ± = ±2.5 V, RS =50 Ω 25 °C 0.003 µV/mo IIO Input offset current VO = 0, RS = 50 Ω 25 °C 0.5 60 pA IIO Input offset current Full range 100 pA IIB Input bias current 25 °C 1 60 pA IIB Input bias current Full range 100 pA VICR Common mode input voltage range RS =50 Ω |VIO |≤ 5mV 25 °C 0 to 4 – 0.3 to 4.2 V VICR Common-mode input voltage range RS = 50 Ω, |VIO | ≤ 5 mV Full range 0 to 3.5 V IOH = – 20 µA 25 °C 4.98 VOH High level output voltage IOH = 75 µA 25 °C 4.9 4.94 V VOH High-level output voltage IOH = – 75 µA Full range 4.8 V IOH = – 150 µA 25 °C 4.8 4.88 VIC = 2.5 V, IOL = 50 µA 25 °C 0.01 VIC =2 5V IOL = 500 µA 25 °C 0.09 0.15 VIC = 2.5 V, IOL = 500 µA Full range 0.15 VOL Low-level output voltage VIC =2 5V IOL =1 mA 25 °C 0.2 0.3 V VIC = 2.5 V, IOL = 1 mA Full range 0.3 VIC =2 5V IOL =4 mA 25 °C 0.7 1 VIC = 2.5 V, IOL = 4 mA Full range 1.2 V2 5 V R 100 k Ω‡ 25 °C 100 350 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO =1Vto4V RL = 100 kΩ‡ Full range 10 V/mV VD gg g VO = 1 V to 4 V RL = 1 MΩ‡ 25 °C 1700 ri(d) Differential input resistance 25 °C 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, N package 25 °C 8 pF zo Closed-loop output impedance f = 25 kHz, AV = 10 25 °C 200 Ω CMRR Common mode rejection ratio VIC = 0 to 2.7 V, VO = 2.5 V, 25 °C 70 83 dB CMRR Common-mode rejection ratio IC , O , RS = 50 Ω Full range 70 dB kSVR Supply voltage rejection ratio ( ∆VDD/∆VIO) VDD = 4.4 V to 16 V, 25 °C 80 95 dB kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) DD , VIC = VDD /2, No load Full range 80 dB IDD Supply current (four amplifiers) VO =2 5V No load 25 °C 140 250 µA IDD Supply current (four amplifiers) VO = 2.5 V, No load Full range 300 µA † Full range is 0 °C to 70°C. ‡ Referenced to 2.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Podobny numer części - TLC2254AQDRG4 |
|
Podobny opis - TLC2254AQDRG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |