Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części MC1403
Szczegółowy opis  2.5V PRECISION SERIAL VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1403 Arkusz danych(HTML) 2 Page - STMicroelectronics

  MC1403 Datasheet HTML 1Page - STMicroelectronics MC1403 Datasheet HTML 2Page - STMicroelectronics MC1403 Datasheet HTML 3Page - STMicroelectronics MC1403 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
Input Voltage
40
V
Toper
Operating Free-air Temperature Range
0 to +70
oC
Tstg
Storage Temperature Range
-65 to +150
oC
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VIN
Input Voltage (Io = 0mA)
4.5 to 40
V
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VIN = 15V (unless otherwise specified)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VOUT
Output Voltage
IOUT = 0mA
2.475
2.5
2.525
V
∆VO
∆T
Temperature Coefficient of Output Voltage
IOUT = 0mA
10
40
ppm/
oC
∆VO
Output Voltage change Over the Full Temperature Range
IOUT = 0mA
2
7
mV
Reg line
Line Regulation
IOUT = 0mA, 4.5V
≤ Vi ≤ 15V
IOUT = 0mA, 15V
≤ Vi ≤ 40V
3
4.5
mV
Reg load
Load Regulation
0
≤ IOUT ≤ 10mA
10
mV
IQ
Quiescent Current
IOUT = 0mA
1.2
1.5
mA
MC1403
2/4


Podobny numer części - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
More results

Podobny opis - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403_02 Datasheet
40Kb / 3P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
   Precision 2.5V FGA??Voltage Reference
logo
Analog Devices
REF-43 AD-REF-43 Datasheet
498Kb / 12P
   2.5V Low Power Precision Voltage Reference
REV. C
logo
Anaren Microwave
MSK109RH ANAREN-MSK109RH Datasheet
412Kb / 7P
   2.5V RAD HARD PRECISION VOLTAGE REFERENCE
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
   Wide Supply 2.5V Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com