Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3G-1212S-NZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AM3G-1212S-NZ
Szczegółowy opis  3 Watt, DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-1212S-NZ Arkusz danych(HTML) 2 Page - AIMTEC

  AM3G-1212S-NZ Datasheet HTML 1Page - AIMTEC AM3G-1212S-NZ Datasheet HTML 2Page - AIMTEC AM3G-1212S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM3G-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R2.A
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance
Dual Output 25~100% load
±5
%
Short Circuit protection
Auto recovery
Continuous
Line voltage regulation
LL~HL
±0.5
%
Load voltage regulation
load 10~100%
±1
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
>200
500
KHz
Operating temperature
With derating above 71
oC
-40 to +85
oC
Storage temperature
-50 to +125
oC
No load power consumption
100
mW
Cooling
Free air convection
Humidity
Non condensing
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
6
g
Dimensions (L x H x W)
0.87 x 0.37 x 0.47 inch
22 x 9.5 x 12 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Pin Out Specifications
Dimensions
Derating
CS Capacitor Table
Vout
5V
9V
12V
15V
24V
CS
47uF – 100uF
10uF – 47uF
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common
8
CS
- V Output


Podobny numer części - AM3G-1212S-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM3G-1212S-NZ AIMTEC-AM3G-1212S-NZ Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3G-1212S-NZ AIMTEC-AM3G-1212S-NZ Datasheet
205Kb / 5P
   1500 and 3000VDC I/O Isolation
More results

Podobny opis - AM3G-1212S-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com