Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA25-12GWA Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części CA25-12GWA
Szczegółowy opis  6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA25-12GWA Arkusz danych(HTML) 2 Page - Kingbright Corporation

  CA25-12GWA Datasheet HTML 1Page - Kingbright Corporation CA25-12GWA Datasheet HTML 2Page - Kingbright Corporation CA25-12GWA Datasheet HTML 3Page - Kingbright Corporation CA25-12GWA Datasheet HTML 4Page - Kingbright Corporation CA25-12GWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAB3292
REV NO: V.7
DATE: MAY/22/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: W.J.HUA
ERP:1304000040
Selection Guide
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd)
[1]
@ 10mA
Min.
Typ.
CA25-12GWA
GREEN (GaP)
WHITE DIFFUSED
1900
10500
Common Anode
Description
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Parameter
Green
Units
Power
dissipation
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
62.5
mW
D7,L
125
DCForward
Current
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
25
mA
D7,L
50
Reverse
Voltage
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
5
D7,L
PeakForward
Current [1]
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
140
mA
D7,L
280
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3~5 Seconds
V
Notes:
1.1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
Forward
Voltage
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
Green
2.2
2.5
V
IF=20mA
D7,L
IR
Reverse
Current
Dig1'8,'Dig2'8',Dig3'8',Dig4'8'
D1,D2,D3D4,D5,D6,D8
Green
10
uA
VR = 5V
D7,L
20
VF [2]
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Podobny numer części - CA25-12GWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CA25-12GWA KINGBRIGHT-CA25-12GWA Datasheet
506Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results

Podobny opis - CA25-12GWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CC25-12GWA KINGBRIGHT-CC25-12GWA Datasheet
177Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-12EWA KINGBRIGHT-CC25-12EWA Datasheet
164Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-11YWA KINGBRIGHT-CC25-11YWA Datasheet
151Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CA25-11EWA KINGBRIGHT-CA25-11EWA_06 Datasheet
160Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR06C4-A SUNLED-DMR06C4-A Datasheet
231Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
CC25-11EWA KINGBRIGHT-CC25-11EWA_06 Datasheet
151Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-11GWA KINGBRIGHT-CC25-11GWA Datasheet
151Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CC25-12YWA KINGBRIGHT-CC25-12YWA Datasheet
176Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CA25-11GWA KINGBRIGHT-CA25-11GWA Datasheet
163Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CA25-11YWA KINGBRIGHT-CA25-11YWA Datasheet
163Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
CA25-12EWA KINGBRIGHT-CA25-12EWA Datasheet
147Kb / 4P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com