Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2914DWTRG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części UC2914DWTRG4
Szczegółowy opis  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2914DWTRG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button UC2914DWTRG4 Datasheet HTML 6Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 7Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 8Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 9Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 10Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 11Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 12Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 13Page - Texas Instruments UC2914DWTRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
10
www.ti.com
APPLICATION INFORMATION
The output voltage waveforms have assumed an R-C characteristic load and time constants vary depending
upon the component values. Prior to time t0, the load is fully charged to almost VVCC and the N-channel
MOSFET is supplying the current, IOUT, to the load. At t0, the current begins to ramp up due to a change in the
load conditions until, at t1, the fault current level, IFAULT, has been reached to cause switch S1 to close. This
results in CT being charged with the current sources I1 and IPL. During this time, VOUT remains almost equal
to VVCC except for small losses from voltage drops across the sense resistor and the N-channel MOSFET. The
output current reaches the programmed maximum level, IMAX, at t2. The CT voltage continues to rise since IMAX
is still greater than IFAULT. The load output voltage drops because the current load requirements have become
greater than the controlled maximum sourcing current. The CT voltage reaches the upper comparator threshold
(Figure 2) of 2.5 V at t3, which promptly shuts off the gate drive to the N-channel MOSFET (not shown but can
be inferred from the fact that no output current is provided to the load), latches in the fault and opens switch S1
disconnecting the charging currents I1 and IPL from CT.
Since no output current is supplied, the load voltage decays at a rate determined by the load characteristics and
the capacitance. The 3-
µA current source, I2, discharges CT to the 0.5-V reset comparator threshold. This time
is significantly longer than the charging time and is the basis for the duty cycle current limiting technique. When
the CT voltage reaches 0.5 V at t4, the part performs a retry, allowing the N-channel MOSFET to again source
current to the load and cause VOUT to rise. In this particular example, IMAX is still sourced by the N-channel
MOSFET at each attempted retry and the fault timing sequence is repeated until time t7 when the load
requirements change to IOUT. Since IOUT is less than the fault current level at this time, switch S1 is opened,
I2 discharges CT and VOUT rises almost to the level of VCC.
Figure 4 shows fault timing waveforms similar to those depicted in Figure 3 except that the latch reset (LR)
function is utilized. Operation is the same as described above until t4 when the voltage on CT reaches the reset
threshold. Holding LR high prevents the latch from being reset, preventing the device from performing a retry
(sourcing current to the load). The UC3914 is latched off until either LR is pulled to a logic low, or the chip is
forced into an under voltage lockout (UVLO) condition and back out of UVLO causing the latch to automatically
perform a power on reset. Figure 4 illustrates LR being toggled low at t5, causing the part to perform a retry.
Time t6 again illustrates what happens when a fault is detected. The LR pin is toggled low and back high at time
t7, prior to the voltage on the CT pin hitting the reset threshold. This information tells the UC3914 to allow the
part to perform a retry when the lower reset threshold is reached, which occurs at t8. Time t9 corresponds to
when load conditions change to where a fault is not present as described for Figure 3.


Podobny numer części - UC2914DWTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Podobny opis - UC2914DWTRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com