Zakładka z wyszukiwarką danych komponentów |
|
54AC151 Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
54AC151 Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
2 / 9 page Connection Diagrams Pin Assignment for DIP and Flatpak Pin Assignment for LCC 10027002 10027003 Truth Table Inputs Outputs E S 2 S 1 S 0 Z Z H XXX H L L LLL I 0 I 0 LL L H I 1 I 1 LL H L I 2 I 2 LL H H I 3 I 3 LH L L I 4 I 4 LH L H I 5 I 5 LH H L I 6 I 6 L HHHI 7 I 7 H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Functional Description The ’AC/’ACT151 is a logic implementation of a single pole, 8-position switch with the switch position controlled by the state of three Select inputs, S 0,S1,S2. Both true and complementary outputs are provided. The Enable input (E) is active LOW. When it is not activated, the complementary output is HIGH and the true output is LOW regardless of all other inputs. The logic function provided at the output is: Z=E • (I 0 • S0 • S1 • S2 +I1 • S0 • S1 • S2 + I 2 • S0 • S1 • S2 +I3 • S0 • S1 • S2 +I4 • S0 • S1 • S2 + I 5 • S0 • S1 • S2 +I6 • S0 • S1 • S2 +I7 • S0 • S1 • S2) The ’AC/’ACT151 provides the ability, in one package to select from eight sources of data or control information. By proper manipulation of the inputs, the ’AC/’ACT151 can provide any logic function of four variables and its comple- ment. www.national.com 2 |
Podobny numer części - 54AC151 |
|
Podobny opis - 54AC151 |