Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT151 Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ACT151
Szczegółowy opis  8-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT151 Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  54ACT151 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT151 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagrams
Pin Assignment
for DIP and Flatpak
Pin Assignment
for LCC
10027002
10027003
Truth Table
Inputs
Outputs
E
S
2
S
1
S
0
Z
Z
H
XXX
H
L
L
LLL
I
0
I
0
LL
L
H
I
1
I
1
LL
H
L
I
2
I
2
LL
H
H
I
3
I
3
LH
L
L
I
4
I
4
LH
L
H
I
5
I
5
LH
H
L
I
6
I
6
L
HHHI
7
I
7
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Functional Description
The ’AC/’ACT151 is a logic implementation of a single pole,
8-position switch with the switch position controlled by the
state of three Select inputs, S
0,S1,S2.
Both true and
complementary outputs are provided. The Enable input (E) is
active LOW. When it is not activated, the complementary
output is HIGH and the true output is LOW regardless of all
other inputs. The logic function provided at the output is:
Z=E
(I
0 S0 S1 S2 +I1 S0 S1 S2 +
I
2 S0 S1 S2 +I3 S0 S1 S2 +I4 S0 S1 S2 +
I
5 S0 S1 S2 +I6 S0 S1 S2 +I7 S0 S1 S2)
The ’AC/’ACT151 provides the ability, in one package to
select from eight sources of data or control information. By
proper manipulation of the inputs, the ’AC/’ACT151 can
provide any logic function of four variables and its comple-
ment.
www.national.com
2


Podobny numer części - 54ACT151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
logo
National Semiconductor ...
54ACT151D NSC-54ACT151D Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151F NSC-54ACT151F Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151L NSC-54ACT151L Datasheet
156Kb / 10P
   8-Input Multiplexer
More results

Podobny opis - 54ACT151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com