Zakładka z wyszukiwarką danych komponentów |
|
SN74AS757NSR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
SN74AS757NSR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54AS756, SN74AS756, SN74AS757 OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS SDAS040B – DECEMBER 1983 – REVISED JANUARY 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagrams (positive logic) 1 2 4 6 8 19 11 13 15 17 3 5 7 9 12 14 16 18 1A1 1A2 1A3 1A4 1Y1 2A1 2A2 2A3 2A4 2Y1 1Y2 1Y3 1Y4 2Y2 2Y3 2Y4 1OE 2OE 1 2 4 6 8 19 11 13 15 17 3 5 7 9 12 14 16 18 1A1 1A2 1A3 1A4 1Y1 2A1 2A2 2A3 2A4 2Y1 1Y2 1Y3 1Y4 2Y2 2Y3 2Y4 1OE 2OE ′AS756 SN74AS757 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Off-state output voltage 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54AS756 – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74AS756, SN74AS757 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. |
Podobny numer części - SN74AS757NSR |
|
Podobny opis - SN74AS757NSR |