Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA56-21EWA Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części CA56-21EWA
Szczegółowy opis  14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA56-21EWA Arkusz danych(HTML) 1 Page - Kingbright Corporation

  CA56-21EWA Datasheet HTML 1Page - Kingbright Corporation CA56-21EWA Datasheet HTML 2Page - Kingbright Corporation CA56-21EWA Datasheet HTML 3Page - Kingbright Corporation CA56-21EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2363
REV NO: V.5
DATE: AUG/01/2006
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1304000099
Package Dimensions & Internal Circuit Diagram
Part Number: CA56-21EWA
HIGH EFFICIENCY RED
14.22mm (0.56INCH) FOUR DIGIT NUMERIC
DISPLAY
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.


Podobny numer części - CA56-21EWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CA56-21GWA KINGBRIGHT-CA56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21SRWA KINGBRIGHT-CA56-21SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21YWA KINGBRIGHT-CA56-21YWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Podobny opis - CA56-21EWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11CGKWA KINGBRIGHT-CC56-11CGKWA Datasheet
362Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SURKWA KINGBRIGHT-CA56-11SURKWA Datasheet
371Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA KINGBRIGHT-CC56-11GWA Datasheet
81Kb / 3P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21GWA KINGBRIGHT-CA56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com