Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC9881IRGET Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części DAC9881IRGET
Szczegółowy opis  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC9881IRGET Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button DAC9881IRGET Datasheet HTML 4Page - Texas Instruments DAC9881IRGET Datasheet HTML 5Page - Texas Instruments DAC9881IRGET Datasheet HTML 6Page - Texas Instruments DAC9881IRGET Datasheet HTML 7Page - Texas Instruments DAC9881IRGET Datasheet HTML 8Page - Texas Instruments DAC9881IRGET Datasheet HTML 9Page - Texas Instruments DAC9881IRGET Datasheet HTML 10Page - Texas Instruments DAC9881IRGET Datasheet HTML 11Page - Texas Instruments DAC9881IRGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CS
Case1: StandaloneoperationwithoutputfromSDO,
tiedlow.
LDAC
Case2: Standalone
,
active.
operationwithoutputfromSDO
LDAC
SCLK
SDI
SDO
LDAC
t
9
t
8
t
4
t
5
t
6
t
3
t
1
t
2
t
7
InputRegister
andDACLatch
Updated
High-Z
Low
High-Z
Bit23(N
1)
-
fromInputReg.
Bit22(N
1)
-
fromInputReg.
Bit1(N
1)
-
fromInputReg.
Bit0(N
1)
-
fromInputReg.
Bit23(N)
Bit22(N)
Bit1(N)
Bit0(N)
t
11
t
13
t
12
t
10
CS
SCLK
SDI
SDO
LDAC
t
9
t
8
t
4
t
5
t
6
t
3
t
1
t
2
t
7
InputRegister
Updated
High-Z
High
High-Z
=Don’tCare
Bit23=MSB
Bit0=LSB
Bit23(N
1)
-
fromInputReg.
Bit22(N
1)
-
fromInputReg.
Bit1(N
1)
-
fromInputReg.
Bit0(N
1)
-
fromInputReg.
Bit23(N)
Bit22(N)
Bit1(N)
Bit0(N)
t
11
t
13
t
12
DACLatch
Updated
t
10
t
14
t
15
DAC9881
SBAS438 – MAY 2008........................................................................................................................................................................................................ www.ti.com
Figure 2. Timing Diagram for Standalone Operation with SDO
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC9881


Podobny numer części - DAC9881IRGET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881B TI1-DAC9881B Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881S TI1-DAC9881S Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881SB TI1-DAC9881SB Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC9881IRGET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com