Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC670EE4 Arkusz danych(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części CD74HC670EE4
Szczegółowy opis  High-Speed CMOS Logic 4x4 Register File
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CD74HC670EE4 Arkusz danych(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  CD74HC670EE4 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HC670EE4 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Setup Time
Data to WE
Write to WE
tSU, th
260
-
-
75
-
-
90
-
-
ns
4.5
12
-
-
15
-
-
18
-
-
ns
610
-
-
13
-
-
15
-
-
ns
Hold Time
Data to WE
Write to WE
tH, tW
25
-
-
5
-
-
5
-
-
ns
4.5
5
-
-
5
-
-
5
-
-
ns
65
-
-
5
-
-
5
-
-
ns
Pulse Width WE
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Latch Time WE to RA0,
RA1
tLATCH
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
HCT TYPES
Setup Time
Data to WE
tSU, th
4.5
12
-
-
15
-
-
18
-
-
ns
Hold Time
Data to WE
Write to WE
tH, tW
4.5
5
-
-
5
-
-
5
-
-
ns
Setup Time
Write to WE
tSU
4.5
18
-
-
23
-
-
27
-
-
ns
Pulse Width WE
tW
4.5
20
-
-
25
-
-
30
-
-
ns
Latch Time WE to RA0,
RA1
tLATCH
4.5
25
-
-
31
-
-
38
-
-
ns
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Reading Any Word
2
-
-
195
-
245
-
295
ns
4.5
-
-
39
-
49
-
59
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
CL = 50pF
6
-
-
33
-
42
-
50
ns
Write Enable to Output
tPLH,tPHL
CL = 50pF
2
-
-
250
-
315
-
375
ns
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
6
-
-
43
-
54
-
64
ns
CD54HC670, CD74HC670, CD74HCT670
CD54HC670, CD74HC670, CD74HCT670


Podobny numer części - CD74HC670EE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC670EE4 TI-CD74HC670EE4 Datasheet
284Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD74HC670EE4 TI-CD74HC670EE4 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
More results

Podobny opis - CD74HC670EE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC670 TI-CD74HC670 Datasheet
49Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD54HC670 TI-CD54HC670 Datasheet
284Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD54HC670 TI-CD54HC670_07 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
logo
National Semiconductor ...
54LS170 NSC-54LS170 Datasheet
103Kb / 4P
   4x4 REGISTER FILE WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
Texas Instruments
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com