Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-70 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL001-70
Szczegółowy opis  High Performance Wide Bandwidth Accelerometer
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
ADXL001
Preliminary Technical Data
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 8 of 10
APPLICATIONS
APPLICATION CIRCUIT
Figure 6 shows the standard application circuit for the
ADXL001. Note that VDD and VDD2 should always be connected.
The output is shown connected to a 1000 pF output capacitor
for improved EMI performance and can be connected directly
to the ADC input of a microcontroller. See the ADC
specifications for proper antialiasing filtering, based on the
user’s sample rate.
Figure 6. Application Circuit
SELF-TEST
The fixed fingers in the forcing cells are normally kept at the
same potential as that of the movable frame. When the user
activates the digital self-test input, the ADXL001 changes the
voltage on the fixed fingers in these forcing cells on one side of
the moving plate. This potential creates an attractive electro-
static force, causing the sensor to move towards those fixed
fingers. The entire signal channel is active, so the sensor
displacement causes a change in Xout. The ADXL001 self-test
function verifies proper operation of the sensor, interface
electronics, and accelerometer channel electronics.
The ST pin should never be exposed to voltages greater than
VS + 0.3 V. If this cannot be guaranteed due to the system
design (for instance, if there are multiple supply voltages), then
a low VF clamping diode between ST and VS is recommended.
ACCELERATION SENSITIVE AXIS
The ADXL001 is an X-Axis acceleration and vibration-sensing
device. It produces a positive-going output voltage for vibration
toward its Pin 8 marking.
PIN 8
Figure 7. XOUT Increases with Acceleration in the +X-Axis Direction
OPERATING VOLTAGES OTHER THAN 5V
The ADXL001 is specified at VS = 3.3 V and VS = 5 V. Note that
some performance parameters change as the voltage is varied.
In particular, the Xout output exhibits ratiometric offset and
sensitivity with supply. The output sensitivity (or scale factor)
scales proportionally to the supply voltage. At VS = 3.3 V, output
sensitivity is typically 16 mV/g. At VS = 5 V, sensitivity is
nominally 24.2 mV/g. Xout zero g bias is nominally equal to
VS/2 at all supply voltages.
Self-test response in g is roughly proportional to the square of
the supply voltage. However, when one factors ratiometricity of
sensitivity in with supply voltage, the self-test response in
voltage is roughly proportional to the cube of the supply
voltage. For example, the self-test response for the ADXL001-70
at VS = 5 V is approximately 1.4 V. At VS = 3.3 V, the response is
approximately 400 mV.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MSK600WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
RF3867DUAL-CHANNEL WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3863WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3861WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
SC4612Wide Input Range High Performance Synchronous Buck Switching Controller 1 2 3 4 5 MoreSemtech Corporation
SC2442High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2545High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2544High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
LIS244ALHMEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
MC34072_05HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl