Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-250 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL001-250
Szczegółowy opis  High Performance Wide Bandwidth Accelerometer
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
Preliminary Technical Data
ADXL001
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 9 of 10
LAYOUT, GROUNDING, AND BYPASSING CONSIDERATIONS
CLOCK FREQUENCY SUPPLY RESPONSE
In any clocked system, power supply noise near the clock
frequency may have consequences at other frequencies. An
internal clock typically controls the sensor excitation and the
signal demodulator for micromachined accelerometers.
If the power supply contains high frequency spikes, they may be
demodulated and interpreted as acceleration signals. A signal
appears at the difference between the noise frequency and the
demodulator frequency. If the power supply noise is 100 Hz
away from the demodulator clock, there will be an output term
at 100 Hz. If the power supply clock is at exactly the same
frequency as the accelerometer clock, the term will appear as
an offset. If the difference frequency is outside the signal
bandwidth, the output filter attenuates it. However, both the
power supply clock and the accelerometer clock may vary with
time or temperature, which can cause the interference signal to
appear in the output filter bandwidth.
ADXL001 addresses this issue in two ways. First, the high clock
frequency, 125 kHz for the output stage, eases the task of
choosing a power supply clock frequency such that the
difference between it and the accelerometer clock remains well
outside the filter bandwidth. Second, ADXL001 has a fully
differential signal path, including a pair of electrically isolated,
mechanically coupled sensors. The differential sensors
eliminate most of the power supply noise before it reaches the
demodulator. Good high frequency supply bypassing, such as a
ceramic capacitor close to the supply pins, also minimizes the
amount of interference.
Clock frequency supply response (CFSR) is the ratio of the
response at the output to the noise on the power supply near the
accelerometer clock frequency or its harmonics. A CFSR of 0.5
means that the signal at the output is half the amplitude of the
supply noise. This is analogous to power supply rejection ratio
(PSRR), except that the stimulus and the response are at
different frequencies.
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, adequately
decouples the accelerometer from noise on the power supply.
However, in some cases, particularly where noise is present at
the 1 MHz internal clock frequency (or any harmonic thereof),
noise on the supply can cause interference on the ADXL001
output. If additional decoupling is needed, a 50 Ω (or smaller)
resistor or ferrite bead can be inserted in the supply line.
Additionally, a larger bulk bypass capacitor (in the 1 μF to
4.7 μF range) can be added in parallel to CDC.
ELECTROMAGNETIC INTERFERENCE
The ADXL001 can be used in areas and applications with
high amounts of EMI or with components susceptible to EMI
emissions. The fully differential circuitry of the ADXL001 is
designed to be robust to such interference. For improved EMI
performance, especially in automotive applications, a 1000 pF
output capacitor is recommended on the XOUT output.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MSK600WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
RF3867DUAL-CHANNEL WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3863WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3861WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
SC4612Wide Input Range High Performance Synchronous Buck Switching Controller 1 2 3 4 5 MoreSemtech Corporation
SC2442High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2545High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2544High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
LIS244ALHMEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
MC34072_05HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl