Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-500 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL001-500
Szczegółowy opis  High Performance Wide Bandwidth Accelerometer
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXL001
Preliminary Technical Data
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 4 of 10
tP
tL
tPEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME (t)
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 2. Recommended Soldering Profile
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/s maximum
3°C/s maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), ts
60 sec to 120 sec
60 sec to 150 sec
TSMAX to TL
Ramp-Up Rate
3°C/s
3°C/s
Time Maintained Above Liquidous (tL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/s maximum
6°C/s maximum
Time 25°C to Peak Temperature (tPEAK)
6 minute maximum
8 minute maximum




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MSK600WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
RF3867DUAL-CHANNEL WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3863WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3861WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
SC4612Wide Input Range High Performance Synchronous Buck Switching Controller 1 2 3 4 5 MoreSemtech Corporation
SC2442High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2545High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2544High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
LIS244ALHMEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
MC34072_05HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl