Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL001-500 Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL001-500
Szczegółowy opis  High Performance Wide Bandwidth Accelerometer
Pobierz  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
Preliminary Technical Data
ADXL001
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 3 of 10
SPECIFICATIONS
Table 1. ADXL001 Specifications
( @ TA = -40
°C to +125°C, V
S
= 3.3V ± 5% DC, Acceleration = 0g; unless otherwise noted)
70g
250g
500g
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
SENSOR
Nonlinearity
0.2
2
0.2
2
0.2
2
%
Alignment error
Die in package
1
1
1
degree
Package resonance
130
130
130
kHz
Cross-axis sensitivity
Includes
pkg. Alignment
2%
2%
2%
%
Resonant frequency
22
22
22
kHz
Quality factor
2.5
2.5
2.5
SENSITIVITY
Ratiometric(1)
1
1
1
%
Full scale range
Iout<=+/-100µA
-70
70
-250
250
-500
500
g
Sensitivity
Vs=3.3V, 100Hz
16.0
4.30
2.15
mV/g
Sensitivity
Vs=5V, 100Hz
24.2
6.5
3.26
mV/g
OFFSET
Ratiometric(1)
Zero-g output
Vs=3.3V
1.35
1.65
1.95
TBD
1.65
TBD
TBD
1.65
TBD
V
Zero-g output
Vout-Vs/2
-90.9
90.9
mV/V
Noise
Noise
10Hz-400Hz
100
100
100
mg rms
Noise density
10Hz-400Hz
4
4
4
mg/rt Hz
Frequency Response
-3dB frequency
22
22
22
kHz
-3dB frequency drift
2
2
2
%
Self Test
Delta V
Vs=3.3V
400
TBD
TBD
mV
Delta V (cubic vs. Vs)
10
TBD
TBD
mV/V^3
Logic input high
Vs=3.3V
2.1
2.1
2.1
V
Logic input low
Vs=3.3V
0.66
0.66
0.66
V
Input resistance
To Ground
30
50
30
50
30
50
kΩ
Output Amplifier
Output swing
Iout=+/-100µA
0.2
Vs-0.2
0.2
Vs-0.2
0.2
Vs-0.2
V
Capacitive load
1000
1000
1000
pF
PSRR/CFSR
DC-1MHz
0.5
0.5
0.5
V/V
Power Supply (Vs)
Functional Range
3.135
6
3.135
6
3.135
6
V
Isupply
2.5
5
2.5
5
2.5
5
mA
Turn-on time
TBD
TBD
TBD
ms




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MSK600WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER 1 2 3 4 5 MoreM.S. Kennedy Corporation
RF3867DUAL-CHANNEL WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3863WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
RF3861WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER 1 2 3 4 5 MoreRF Micro Devices
SC4612Wide Input Range High Performance Synchronous Buck Switching Controller 1 2 3 4 5 MoreSemtech Corporation
SC2442High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2545High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
SC2544High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
LIS244ALHMEMS inertial sensor high performance 2-axis ±2/±6g ultracompact linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
MC34072_05HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl