Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT543ANSR Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ABT543ANSR
Szczegółowy opis  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT543ANSR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ABT543ANSR Datasheet HTML 2Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 3Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 4Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 5Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 6Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 7Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 8Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 9Page - Texas Instruments SN74ABT543ANSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54ABT543A, SN74ABT543A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS157F – JANUARY 1991 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT543A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1.6†
4.4
4.4
1.6†
5.5
ns
tPHL
A or B
B or A
1.6
4.4
5.1
1.6
6.2
ns
tPLH
LEBA or LEAB
AorB
1.6†
4.1
5.1
1.6†
6.6
ns
tPHL
LEBA or LEAB
A or B
1.6
4.6
5.4
1.6
6.4
ns
tPZH
OEBA or OEAB
AorB
1.4
3.9
4.1
1.4
5.1
ns
tPZL
OEBA or OEAB
A or B
2
5
4.9
2
5.8
ns
tPHZ
OEBA or OEAB
AorB
2.5†
5.9
5.8
2.5†
6.9
ns
tPLZ
OEBA or OEAB
A or B
2.5†
5.5
6.1
2.5†
7.6
ns
tPZH
CEBA or CEAB
AorB
1.4
3.9
4.7
1.4
5.6
ns
tPZL
CEBA or CEAB
A or B
2
5
5.7
2
6.2
ns
tPHZ
CEBA or CEAB
AorB
3.2†
5.9
6.5
3.2†
7.3
ns
tPLZ
CEBA or CEAB
A or B
2.5†
5.5
6.7
2.5†
7.8
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT543A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
AorB
BorA
1.8†
4.4
5.9
1.8†
6.9
ns
tPHL
A or B
B or A
1.9
4.4
5.9
1.9
6.9
ns
tPLH
LEBA or LEAB
AorB
1.5†
4.1
5.6
1.5†
6.6
ns
tPHL
LEBA or LEAB
A or B
2.1
4.6
6.1
2.1
7.1
ns
tPZH
OEBA or OEAB
AorB
1.4
3.9
5.4
1.4
6.4
ns
tPZL
OEBA or OEAB
A or B
2.5
5
6.5
2.5
7.5
ns
tPHZ
OEBA or OEAB
AorB
2.5†
5.9
7.4
2.5†
8.4
ns
tPLZ
OEBA or OEAB
A or B
2.5†
5.5
7
2.5†
8
ns
tPZH
CEBA or CEAB
AorB
1.4
3.9
5.4
1.4
6.4
ns
tPZL
CEBA or CEAB
A or B
2.5
5
6.5
2.5
7.5
ns
tPHZ
CEBA or CEAB
AorB
2.9†
5.9
7.4
2.9†
8.4
ns
tPLZ
CEBA or CEAB
A or B
2.4†
5.5
7
2.4†
8
ns
† This data sheet limit may vary among suppliers.


Podobny numer części - SN74ABT543ANSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT543ANSR TI-SN74ABT543ANSR Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ANSR TI-SN74ABT543ANSR Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ANSRE4 TI-SN74ABT543ANSRE4 Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ANSRE4 TI-SN74ABT543ANSRE4 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ANSRG4 TI-SN74ABT543ANSRG4 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT543ANSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com