Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG824 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG824
Szczegółowy opis  0.5CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG824 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG824 Datasheet HTML 5Page - Analog Devices ADG824 Datasheet HTML 6Page - Analog Devices ADG824 Datasheet HTML 7Page - Analog Devices ADG824 Datasheet HTML 8Page - Analog Devices ADG824 Datasheet HTML 9Page - Analog Devices ADG824 Datasheet HTML 10Page - Analog Devices ADG824 Datasheet HTML 11Page - Analog Devices ADG824 Datasheet HTML 12Page - Analog Devices ADG824 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG824
Rev. 0 | Page 9 of 16
TEMPERATURE (°C)
1
0
–1
2
3
4
5
6
20
40
60
70
80
10
30
50
90
ID, IS (OFF) + –
ID, IS (ON) – –
ID, IS (ON) + +
ID, IS (OFF) – +
VDD = 3.3V
0
Figure 9. Leakage Current vs. Temperature, VDD = 3.3 V
TEMPERATURE (°C)
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.5
4.0
ID, IS (OFF) + –
ID, IS (ON) – –
ID, IS (ON) + +
ID, IS (OFF) – +
VDD = 2.5V
0
20
40
60
70
80
10
30
50
90
0
Figure 10. Leakage Current vs. Temperature, VDD = 2.5 V
0
TEMPERATURE (°C)
1
0
2
3
4
20
40
60
70
80
10
30
50
90
ID, IS (ON) – –
VDD = 1.8V
ID, IS (ON) + +
ID, IS (OFF) + –
ID, IS (OFF) – +
Figure 11. Leakage Current vs. Temperature, VDD = 1.8 V
01
23
VS (V)
0
5
10
15
20
25
30
35
40
VDD = 1.8V
VDD = 2.5V
VDD = 3.3V
TA = 25°C
Figure 12. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
0
2
4
6
8
10
12
14
16
–60
–40
–20
0
20
40
60
80
100
tON (1.8V)
tOFF (1.8V)
tON (3.3V)
tON (2.7V)
tOFF (2.7V)
tOFF (3.3V)
Figure 13. tON/tOFF Times vs. Temperature
0.1
1
10
100
1000
FREQUENCY (MHz)
–16
–14
–12
–10
–8
–6
–4
–2
0
2
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 14. Bandwidth


Podobny numer części - ADG824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG820 AD-ADG820 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Podobny opis - ADG824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com