Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT18245A Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT18245A
Szczegółowy opis  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18245A Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74ABT18245A Datasheet HTML 1Page - Texas Instruments SN74ABT18245A Datasheet HTML 2Page - Texas Instruments SN74ABT18245A Datasheet HTML 3Page - Texas Instruments SN74ABT18245A Datasheet HTML 4Page - Texas Instruments SN74ABT18245A Datasheet HTML 5Page - Texas Instruments SN74ABT18245A Datasheet HTML 6Page - Texas Instruments SN74ABT18245A Datasheet HTML 7Page - Texas Instruments SN74ABT18245A Datasheet HTML 8Page - Texas Instruments SN74ABT18245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SN54ABT18245A, SN74ABT18245A
SCAN TEST DEVICES
WITH 18-BIT BUS TRANSCEIVERS
SCBS110H – AUGUST 1992 – REVISED FEBRUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test architecture
Serial-test information is conveyed by means of a 4-wire test bus, or TAP, that conforms to IEEE Standard
1149.1-1990. Test instructions, test data, and test control signals all are passed along this serial-test bus. The
TAP controller monitors two signals from the test bus, TCK and TMS. The TAP controller extracts the
synchronization (TCK) and state control (TMS) signals from the test bus and generates the appropriate on-chip
control signals for the test structures in the device. Figure 1 shows the TAP-controller state diagram.
The TAP controller is fully synchronous to the TCK signal. Input data is captured on the rising edge of TCK and
output data changes on the falling edge of TCK. This scheme ensures that data to be captured is valid for fully
one-half of the TCK cycle.
The functional block diagram illustrates the IEEE Standard 1149.1-1990 4-wire test bus and boundary-scan
architecture and the relationship among the test bus, the TAP controller, and the test registers. As illustrated,
the device contains an 8-bit instruction register and four test-data registers: a 44-bit boundary-scan register, a
3-bit boundary-control register, a 1-bit bypass register, and a 32-bit device-identification register.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Update-DR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = L
TMS = H
TMS = L
Exit2-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Update-IR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
Exit2-IR
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
Figure 1. TAP-Controller State Diagram


Podobny numer części - SN74ABT18245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT18245A TI-SN74ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245A TI-SN74ABT18245A Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGG TI-SN74ABT18245ADGG Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGGR TI-SN74ABT18245ADGGR Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADL TI-SN74ABT18245ADL Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

Podobny opis - SN74ABT18245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com