Zakładka z wyszukiwarką danych komponentów |
|
CX02F225K Arkusz danych(PDF) 10 Page - Kemet Corporation |
|
CX02F225K Arkusz danych(HTML) 10 Page - Kemet Corporation |
10 / 10 page MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 3 VOLT RATING AT 85°C — 2 VOLT RATING AT 125°C 4.7 A T39(1)A475(2)003AS 0.5 5 6.8 A T39(1)A685(2)003AS 0.5 5 10.0 A T39(1)A106(2)003AS 0.5 6 15.0 B T39(1)B156(2)003AS 0.5 6 22.0 C T39(1)C226(2)003AS 0.5 6 33.0 D T39(1)D336(2)003AS 0.8 6 47.0 E T39(1)E476(2)003AS 1.1 6 68.0 F T39(1)F686(2)003AS 1.6 6 100.0 G T39(1)G107(2)003AS 2.4 8 150.0 H T39(1)H157(2)003AS 3.6 8 220.0 J T39(1)J227(2)003AS 5.3 8 330.0 K T39(1)K337(2)003AS 7.9 8 470.0 L T39(1)L477(2)003AS 10.0 9 680.0 M T39(1)M687(2)003AS 10.0 9 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 2.2 A T39(1)A225(2)010AS 0.5 5 3.3 A T39(1)A335(2)010AS 0.5 5 4.7 A T39(1)A475(2)010AS 0.5 5 6.8 B T39(1)B685(2)010AS 0.5 5 10.0 C T39(1)C106(2)010AS 0.8 6 15.0 E T39(1)E156(2)010AS 1.2 6 22.0 E T39(1)E226(2)010AS 1.8 6 33.0 F T39(1)F336(2)010AS 2.6 6 47.0 H T39(1)H476(2)010AS 3.8 6 68.0 H T39(1)H686(2)010AS 5.4 6 100.0 J T39(1)J107(2)010AS 8.0 8 150.0 K T39(1)K157(2)010AS 10.0 8 220.0 l T39(1)L227(2)010AS 10.0 8 20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C 1.0 A T39(1)A105(2)020AS 0.5 3 1.5 A T39(1)A155(2)020AS 0.5 5 2.2 A T39(1)A225(2)020AS 0.5 5 3.3 B T39(1)B335(2)020AS 0.5 5 4.7 C T39(1)C475(2)020AS 0.8 5 6.8 D T39(1)D685(2)020AS 1.1 5 10.0 E T39(1)E106(2)020AS 1.6 6 15.0 F T39(1)F156(2)020AS 2.4 6 22.0 G T39(1)G226(2)020AS 3.5 6 33.0 J T39(1)J336(2)020AS 5.3 6 47.0 K T39(1)K476(2)020AS 7.5 6 68.0 L T39(1)L686(2)020AS 10.0 6 100.0 M T39(1)M107(2)020AS 10.0 8 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 0.10 A T39(1)A104(2)035AS 0.5 3 0.15 A T39(1)A154(2)035AS 0.5 3 0.22 A T39(1)A224(2)035AS 0.5 3 0.33 A T39(1)A334(2)035AS 0.5 3 0.47 A T39(1)A474(2)035AS 0.5 3 0.68 A T39(1)A684(2)035AS 0.5 3 1.0 A T39(1)A105(2)035AS 0.5 3 1.5 B T39(1)B155(2)035AS 0.5 5 2.2 C T39(1)C225(2)035AS 0.6 5 3.3 D T39(1)D335(2)035AS 0.9 5 4.7 E T39(1)E475(2)035AS 1.3 5 6.8 F T39(1)F685(2)035AS 1.9 5 10.0 G T39(1)G106(2)035AS 2.8 6 15.0 J T39(1)J156(2)035AS 4.2 6 22.0 K T39(1)K226(2)035AS 6.2 6 33.0 L T39(1)L336(2)035AS 9.2 6 47.0 M T39(1)M476(2)035AS 10.0 6 TANTALUM DIPPED / 3 LEADED —POLAR T396 & T398 SERIES “ULTRADIP III” 70 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 6.3 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C 3.3 A T39(1)A335(2)006AS 0.5 5 4.7 A T39(1)A475(2)006AS 0.5 5 6.8 A T39(1)A685(2)006AS 0.5 5 10.0 B T39(1)B106(2)006AS 0.5 6 15.0 C T39(1)C156(2)006AS 0.7 6 22.0 D T39(1)D226(2)006AS 1.1 6 33.0 E T39(1)E336(2)006AS 1.6 6 47.0 F T39(1)F476(2)006AS 2.3 6 68.0 G T39(1)G686(2)006AS 3.3 6 100.0 H T39(1)H107(2)006AS 4.8 8 150.0 J T39(1)J157(2)006AS 7.2 8 220.0 K T39(1)K227(2)006AS 10.0 8 330.0 L T39(1)L337(2)006AS 10.0 8 16 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C 1.5 A T39(1)A155(2)016AS 0.5 5 2.2 A T39(1)A225(2)016AS 0.5 5 3.3 A T39(1)A335(2)016AS 0.5 5 4.7 B T39(1)B475(2)016AS 0.6 5 6.8 C T39(1)C685(2)016AS 0.9 5 10.0 E T39(1)E106(2)016AS 1.3 6 15.0 E T39(1)E156(2)016AS 1.8 6 22.0 F T39(1)F226(2)016AS 2.6 6 33.0 H T39(1)H336(2)016AS 4.0 6 47.0 J T39(1)J476(2)016AS 5.6 6 68.0 K T39(1)K686(2)016AS 8.2 6 100.0 L T39(1)L107(2)016AS 10.0 8 150.0 M T39(1)M157(2)016AS 10.0 8 25 VOLT RATING AT 85°C — 16.5 VOLT RATING AT 125°C 1.0 A T39(1)A105(2)025AS 0.5 3 1.5 A T39(1)A155(2)025AS 0.5 5 2.2 B T39(1)B225(2)025AS 0.5 5 3.3 B T39(1)B335(2)025AS 0.7 5 4.7 C T39(1)C475(2)025AS 0.9 5 6.8 E T39(1)E685(2)025AS 1.4 5 10.0 E T39(1)E106(2)025AS 2.0 6 15.0 G T39(1)G156(2)025AS 3.0 6 22.0 H T39(1)H226(2)025AS 4.4 6 33.0 J T39(1)J336(2)025AS 6.6 6 47.0 K T39(1)K476(2)025AS 9.4 6 68.0 L T39(1)L686(2)025AS 10.0 6 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C 0.10 A T39(1)A104(2)050AS 0.5 3 0.15 A T39(1)A154(2)050AS 0.5 3 0.22 A T39(1)A224(2)050AS 0.5 3 0.33 A T39(1)A334(2)050AS 0.5 3 0.47 B T39(1)B474(2)050AS 0.5 3 0.68 B T39(1)B684(2)050AS 0.5 3 1.0 B T39(1)B105(2)050AS 0.5 3 1.5 E T39(1)E155(2)050AS 0.6 5 2.2 E T39(1)E225(2)050AS 0.9 5 3.3 F T39(1)F335(2)050AS 1.3 5 4.7 G T39(1)G475(2)050AS 1.9 5 6.8 J T39(1)J685(2)050AS 2.7 5 10.0 K T39(1)K106(2)050AS 4.0 6 15.0 L T39(1)L156(2)050AS 6.0 6 22.0 M T39(1)M226(2)050AS 8.8 6 (1) To complete KEMET Part Number, insert Series Designation as follows: “6” = T396, “8” = T398. (2) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: “M” = ±20%, “K” = ±10%. NOTE: Higher voltage/tigher tolerance products may be shipped, at KEMET’s option, within the same case size. |
Podobny numer części - CX02F225K |
|
Podobny opis - CX02F225K |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |