Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5542-KL Arkusz danych(PDF) 2 Page - Cirrus Logic

Numer części CS5542-KL
Szczegółowy opis  22-Bit, Multi-Channel DS ADC Chip Set
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542-KL Arkusz danych(HTML) 2 Page - Cirrus Logic

  CS5542-KL Datasheet HTML 1Page - Cirrus Logic CS5542-KL Datasheet HTML 2Page - Cirrus Logic CS5542-KL Datasheet HTML 3Page - Cirrus Logic CS5542-KL Datasheet HTML 4Page - Cirrus Logic CS5542-KL Datasheet HTML 5Page - Cirrus Logic CS5542-KL Datasheet HTML 6Page - Cirrus Logic CS5542-KL Datasheet HTML 7Page - Cirrus Logic CS5542-KL Datasheet HTML 8Page - Cirrus Logic CS5542-KL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CS5542 CS5543
2
DS109PP2
ANALOG CHARACTERISTICS: (T
A = 25° C; VA+, VD+ = 5 V ±5%; VA- = -5 V ±5%; GNDL,GNDR,
& DGND= 0V;VREF+ = 4V, VREF- = -4 V; MCLK frequency as noted.)
Notes: 1. Full scale current is tested under two conditions: CAPSIZE = 0 (CDAC = 1.6 pF) with MCLK at 1.024
MHz and CAPSIZE = 1 (CDAC = 4.8 pF) with MCLK at 2.048 MHz. Dynamic Range (Signal-to-Noise) is
tested with 101 Hz sine wave voltage driven into a 5 M
Ω input resistor with a 470 pF capacitor connected
from INR or INL to REFGNDR or REFGNDL respectively, to test each modulator. S/N and integral
nonlinearity are tested with CAPSIZE = 0 (CDAC = 1.6 pF) with MCLK at 2.048 MHz and CAPSIZE = 1
(CDAC = 4.8 pF) with MCLK at 1.024 MHz.
2. Guaranteed by design or characterization.
3. Specification applies after a complete calibration sequence using the CS5542/CS5543 combination. Drift
specification is for the CS5542/CS5543 only and does not include drift due to the input components, the
VREF voltage, or a frequency change of CLKIN.
4. Specification applies only to System Offset Calibration using the CS5542/CS5543 chip combination after
Input Offset Voltage calibration has been completed with no external offset applied to the input.
5. The VA+ and VA- supplies should be quiet supplies (see data sheet text). Power supply sequence is
important. The VA+ and VA- supplies should be applied to the CS5542 prior to or at the same time as
the VD+ supply.
6. Power supply rejection is tested with a 100 mVp-p sine wave applied to each supply. See data sheet
text for power supply noise requirements.
Parameter
Min
Typ
Max
Units
Specified Temperature Range
0
-
70
°C
Accuracy
Full Scale Input Current (Bipolar)
CAPSIZE=0
(Note 1)
CAPSIZE=1
(Note 1)
-
-
400
2500
-
-
nA
nA
Dynamic Range
CAPSIZE=0
(Note 1)
CAPSIZE=1
(Note 1)
106
113
109
116
-
-
dB
dB
Differential Nonlinearity
(No Missing Codes)
(Note 2)
22
-
-
Bits
Integral Nonlinearity
(Note 1)
-
-
0.001
%FS
Full Scale Error
(Note 3)
-
-
0.1
%FS
Full Scale Drift
(Note 3)
-
30
-
ppm/°C
System Offset Calibration Range
(Note 4)
-
-
10
%FS
Offset Drift
(Note 1)
-
±0.3
-
LSB/°C
Power Supplies
(Note 5)
Consumption
Active
Powerdown
-
-
-
-
80
10
mW
mW
50, 60 Hz Power Supply Rejection: VA+ or VA- (Notes 1, 6)
-
TBD
-
dB
Fullscale Current = 400 nA
60 Hz
500 Hz
Fullscale Current = 2500 nA
60 Hz
500 Hz
-
-
-
-
1.85
13.5
1.88
15.3
-
-
-
-
nA/V
nA/V
nA/V
nA/V


Podobny numer części - CS5542-KL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
   LOW POWER LOW VOLTAGE 24- BIT ACD
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
   Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
More results

Podobny opis - CS5542-KL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Asahi Kasei Microsystem...
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Linear Technology
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
logo
PHOENIX CONTACT
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
   Connector set - MSTBP-SET/EMUG 22- 4REL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com