Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS86DR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74ALS86DR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 16 page SN54ALS86, SN54AS86A, SN74ALS86, SN74AS86A QUADRUPLE 2INPUT EXCLUSIVEOR GATES SDAS006B − APRIL 1982 − REVISED DECEMBER 1994 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54AS86A −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74AS86A 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54AS86A SN74AS86A UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current −2 −2 mA IOL Low-level output current 20 20 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54AS86A SN74AS86A UNIT PARAMETER TEST CONDITIONS MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.2 −1.2 V VOH VCC = 4.5 V to 5.5 V, IOH = − 2 mA VCC −2 VCC −2 V VOL VCC = 4.5 V, IOL = 20 mA 0.35 0.5 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V − 0.5 − 0.5 mA IO§ VCC = 5.5 V, VO = 2.25 V −30 −112 −30 −112 mA ICCH VCC = 5.5 V, VI(A) = 4.5 V, VI(B) = 0 11 18 11 18 mA ICCL VCC = 5.5 V, VI = 4.5 V 20 38 20 38 mA ‡ All typical values are at VCC = 5 V, TA = 25°C. § The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX¶ UNIT PARAMETER (INPUT) (OUTPUT) SN54AS86A SN74AS86A UNIT MIN MAX MIN MAX tPLH A or B Y 2 8.5 2 7.5 ns tPHL A or B (other input low) Y 2 8 2 6.5 ns tPLH A or B Y 1 8 1 6.5 ns tPHL A or B (other input high) Y 1 9 1 7 ns ¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Podobny numer części - SN74ALS86DR |
|
Podobny opis - SN74ALS86DR |