Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD2921-10 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części SD2921-10
Szczegółowy opis  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2921-10 Arkusz danych(HTML) 4 Page - STMicroelectronics

  SD2921-10 Datasheet HTML 1Page - STMicroelectronics SD2921-10 Datasheet HTML 2Page - STMicroelectronics SD2921-10 Datasheet HTML 3Page - STMicroelectronics SD2921-10 Datasheet HTML 4Page - STMicroelectronics SD2921-10 Datasheet HTML 5Page - STMicroelectronics SD2921-10 Datasheet HTML 6Page - STMicroelectronics SD2921-10 Datasheet HTML 7Page - STMicroelectronics SD2921-10 Datasheet HTML 8Page - STMicroelectronics SD2921-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0
50
100
150
200
24.5
25
25.5
26
26.5
Pout, OUTPUT POWER (W)
f =30 MHz
VDD= 50 V
IDQ= 250 mA
SC13170
Gate-Source Voltages vs Case Temperature
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (
°C)
0.85
0.9
0.95
1
1.05
1.1
VDS = 10V
Id = 5A
Id = 4A
Id = 2A
Id = . 25A
Id = 1A
Id = .1A
Output Power vs Gate Voltage
0
50
100
150
200
VGS GATE-SOURCE VOLTAGE (V)
01
23
45
6
VDD= 50 V
IDQ= 250 m A
f = 30MHz
FixedPin
SC 13 21 0
Tfl= -2 0
°C
Tfl= 25
°C
Tfl= 80
°C
Power Gain vs Output Power
Output Power vs Input Power
0
50
100
150
200
250
Pi n, INPUT POWER (W)
0.02
0.1
0.18
0.26
0.34
0.42
0.5
0.58
0.66
VDD= 50 V
SC13180
f= 30 MHz
IDQ= 250 m A
VDD= 40 V
Efficiency vs Output Power
0
50
100
150
200
0
20
40
60
Pout, OUTPUTPOWER (W)
f= 30MHz
VDD= 50 V
IDQ= 250 mA
SC13190
Output Power vs Voltage Supply
0
50
100
150
200
VDD, SU PPLY VOLTAGE (V)
24
28
32
36
40
44
48
f = 30 MHz
IDQ= 250 mA
Pin= 0.6W
Pin= 0.2W
SC1 32 00
Pin= 0.4W
TYPICAL PERFORMANCE
SD2921-10
4/10


Podobny numer części - SD2921-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SD2921 STMICROELECTRONICS-SD2921 Datasheet
194Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
More results

Podobny opis - SD2921-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com